Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9 Datasheet(PDF) 10 Page - TiMOTION Technology Co. Ltd.

Part # TA9
Description  Max. load 2,500N (push); 1,000N (pull)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA9 Datasheet(HTML) 10 Page - TiMOTION Technology Co. Ltd.

Back Button TA9 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
TA9 Ordering Key Appendix
Rear Attachment (mm)
1 = Plastic, U clevis, slot 5.2, depth
13.0, hole 8.0, with plastic
T-busing
9
13
ø8
1 = Aluminum casting, no slot, hole
8.0
3 = Aluminum casting, U clevis,
width 6.0, depth 13.0, hole 8.0
Front Attachment (mm)
ø8
ø8
4 = Aluminum casting, U clevis,
width 6.0, depth 13.0, hole 10.0
ø10
1 = 0°
2 = 90°
Direction of Rear Attachment
Hole
0º
90º



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com