Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA9 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA9
Description  Max. load 2,500N (push); 1,000N (pull)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA9 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA9 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA9 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
TiMOTION’s TA9 is one of the smart furniture actuator options with compact
dimension. This linear actuator is designed with a custom gear box, molded
with a specially formulated plastic material which allows the TA9 to support
load ratings up to 2500N. An EMC certification has been attained for this
series, which is also available with optional IP54 or IP66 protection.
General Features
Max. load
2,500N (push); 1,000N (pull)
Max. speed at max. load
5.1mm/s
Max. speed at no load
58.3mm/s
Retracted length
≥ Stroke + 140mm
IP rating
IP66
Certificate
IEC60601-1, ES60601-1, IEC60601-1-2,
UL962, EMC
Stroke
20 ~ 600mm
Options
Hall sensors
Voltage
12 / 24V DC; 12 / 24V DC (PTC)
Color
Black or grey
Operational temperature range
+5°C~+45°C
Product Segments
• Comfort Motion
• Ergo Motion
TA9
series


Similar Part No. - TA9

ManufacturerPart #DatasheetDescription
logo
Teledyne FLIR LLC
TA90 FLIR-TA90 Datasheet
145Kb / 1P
Dual Male and Female MC4 Test Leads with Banana Plug
02/27/25
logo
TEWS Technologies GmbH
TA900 TEWS-TA900 Datasheet
205Kb / 3P
Program and Debug Box
2017-08-17
TA900-10R TEWS-TA900-10R Datasheet
205Kb / 3P
Program and Debug Box
2017-08-17
TA900-10R TEWS-TA900-10R Datasheet
466Kb / 3P
32 x 12/14 Bit 50/75 Msps ADC for MTCA.4 Rear-I/O
2021-09-28
TA900-10R TEWS-TA900-10R Datasheet
269Kb / 3P
Spartan6 AMC with FMC Module Slot
2017-10-12
More results

Similar Description - TA9

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
TA2 TIMOTION-TA2 Datasheet
807Kb / 10P
Max. load 1,000N (push/pull)
20230814-V
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com