Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA2 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA2
Download  TA2 Download
File Size   807.58 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,000N (push/pull)

TA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA2
Download  TA2 Click to download

File Size   807.58 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,000N (push/pull)

TA2 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA2 Product details

General Features
Max. load 1,000N (push/pull)
Max. speed at max. load 7.6mm/s
Max. speed at no load 67.5mm/s
Retracted length ≥ Stroke + 105mm (without output signals)
IP rating IP66M
Certificate EMC
Stroke 20~1000mm
Output signals Mechanical pot., embedded reed switch,
NPN Hall sensor, Adjustable Reed switch
Voltage 12/24/36/48V DC; 12/24/36/48V DC (PTC)
Color Silver
Operational temperature range +5˚C~+45˚C (Load < 500N);
-25˚C~+65˚C (Load ≥ 500N)
Operational temperature range +5°C~+45°C
at full performance




Similar Part No. - TA2

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TA2 MAGNETROL-TA2 Datasheet
1Mb / 12P
THERMATEL짰THERMALDISPERSION
logo
Tumbler Technologies + ...
TA2 TRUMPOWER-TA2 Datasheet
30Kb / 1P
DC/DC CONVERTERS
logo
France Joint
TA2 FRANCEJOINT-TA2 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
logo
Tumbler Technologies + ...
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
DC/DC CONVERTERS
More results


Similar Description - TA2

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA9 TIMOTION-TA9 Datasheet
887Kb / 11P
Max. load 2,500N (push); 1,000N (pull)
20210521-O
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com