Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

MA4 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # MA4
Download  MA4 Download
File Size   648.61 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push/pull)

MA4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # MA4
Download  MA4 Click to download

File Size   648.61 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 2,000N (push/pull)

MA4 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


MA4 Product details

General Features
Max. load 2,000N (push/pull)
Max. speed at max. load 6.1mm/s
Max. speed at no load 46.1mm/s
Retracted length ≥ 215mm (depending on chosen options)
IP rating IP69K
Stroke 25~1000mm
Output signals Adjustable Reed switch, mechanical Pot.,
Hall sensor(s), NPN Hall sensors
Options T-Smart
Voltage 12/24V DC; 12/24V DC (thermal switch)
Operational temperature range -40°C~+85°C
Operational temperature range +5°C~+45°C
at full performance
Manual drive




Similar Part No. - MA4

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
MA4 GREENLEE-MA4 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Altech corporation
MA4.0U ALTECH-MA4.0U Datasheet
222Kb / 3P
Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Panasonic Semiconductor
MA4000 PANASONIC-MA4000 Datasheet
76Kb / 6P
Silicon planar type
MA4000 PANASONIC-MA4000 Datasheet
72Kb / 5P
Silicon planar type
logo
Chauvin Arnoux Metrix
MA4000D CHAUVINARNOUX-MA4000D Datasheet
1Mb / 2P
Stand-Alone Current Testers that Fit Anywhere with Built-In Display!
More results


Similar Description - MA4

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com