Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # MA4
Description  Max. load 2,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA4 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  MA4 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Note
1 Please refer to the approved drawing for the final authentic value.
2 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC. With a 36V DC motor, the current is approximately two-thirds the current measured in 24V DC. With a 48V
DC motor, the current is approximately half the current measured in 24V DC. Speed will be similar for all the voltages.
3 The current & speed in table are tested when the actuator is extending under push load.
4 With load, noise level ≤ 80dBA (by TiMOTION test standard, ambient noise level ≤ 36dBA).
5 Standard stroke: Min. 25 mm, Max. please refer to the table below.
Standard Dimensions
(mm)
Drawing
CODE
Load (N)
Max Stroke (mm)
A
≤ 250
1000
B
≤ 500
800
C
≤ 1000
600
D
≤ 1500
500
E
≤ 2000
450
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
24V DC
With Load
24V DC
No Load
24V DC
With Load
24V DC
Motor Speed (6000RPM, Duty Cycle 25%)
A
250
250
325
0.8
1.2
46.1
42.6
B
500
500
650
0.8
1.7
29.5
25.8
C
1000
1000
1300
0.8
2.2
14.8
12.2
D
1500
1500
1950
1.0
2.2
9.8
8.2
E
2000
2000
2600
1.0
2.2
7.4
6.1
14
Retracted Length
10.4
R9.4
74.4
32.5
ø8
ø8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com