Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

MA5 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # MA5
Download  MA5 Download
File Size   1077.42 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 3,500N (push); 2,000N (pull)

MA5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # MA5
Download  MA5 Click to download

File Size   1077.42 Kbytes
Page   11 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 3,500N (push); 2,000N (pull)

MA5 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


MA5 Product details

General Features
Max. load 3,500N (push); 2,000N (pull)
Max. speed at max. load 2.4mm/s
Max. speed at no load 56.5mm/s
Retracted length ≥ 200mm (depending on chosen options)
IP rating IP69K
Stroke 20~1000mm
Output signals Mechanical pot., NPN Hall sensor
Options Grease chamber
Voltage 12/24/48V DC; 12/24/48V DC (PTC)
Operational temperature range -25°C~+65°C
Operational temperature range +5°C~+45°C
at full performance




Similar Part No. - MA5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA5-2005 ETC2-MA5-2005 Datasheet
267Kb / 2P
Contact blocks and lamp blocks with holder for front mounting
logo
Murata Manufacturing Co...
MA5-A MURATA1-MA5-A Datasheet
56Kb / 3P
CERAMIC FILTER
MA5-A MURATA1-MA5-A Datasheet
404Kb / 23P
CERAMIC FILTER (CERAFIL®) For FM Receivers
logo
ZKTECO CO., LTD. All ri...
MA500 ZKTECO-MA500 Datasheet
696Kb / 2P
Metal Design & Anti-Vandal IP65 Outdoor Fingerprint Access Control
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results


Similar Description - MA5

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com