Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA1 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

MA1 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # MA1
Download  MA1 Download
File Size   904.12 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load ACME screw: 8,000N (push/pull)

MA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA1 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # MA1
Download  MA1 Click to download

File Size   904.12 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load ACME screw: 8,000N (push/pull)

MA1 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


MA1 Product details

General Features
Max. load ACME screw: 8,000N (push/pull);
Ball screw: 4,500N (push/pull)
Max. speed at max. load 5.7mm/s (ACME screw, DC motor);
14.8mm/s (Ball screw, DC motor)
Max. speed at no load 31.2mm/s (ACME screw, DC motor);
59mm/s (Ball screw, DC motor)
Retracted length ≥ Stroke + 160mm (ACME screw, without POT);
≥ Stroke + 201mm (Ball screw, without POT)
IP rating IP69K
Certificate UL73, EMC
Stroke 20~1000mm (ACME screw); 20~800mm (Ball screw)
Output Signals Mechanical pot., NPN Hall sensors, PNP Hall sensors
Options Overload clutch, motor brake, mechanical brake
Voltage 12/24/36/48V DC; 115/230V AC
Spindle ACME or Ball screw
Color Black
Operational temperature range -40°C~+85°C
Operational temperature range +5°C~+45°C
at full performance
Electromagnetic brake option
Higher duty cycle (25%), corrosion proof
Manual drive




Similar Part No. - MA1

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
MA1 SOVICO-MA1 Datasheet
151Kb / 1P
Wireless Extended Antenna
logo
ABB
MA1-8015 ABB-MA1-8015 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
MA1-8053 ABB-MA1-8053 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
MA1-8130 ABB-MA1-8130 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
Circuit Breaker
More results


Similar Description - MA1

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com