Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA1 Datasheet (PDF) - SOVICO corp.

MA1 Datasheet PDF - SOVICO corp.
Part # MA1
Download  MA1 Download
File Size   151.4 Kbytes
Page   1 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Wireless Extended Antenna

MA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA1 Datasheet PDF - SOVICO corp.

Part # MA1
Download  MA1 Click to download

File Size   151.4 Kbytes
Page   1 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Wireless Extended Antenna

MA1 Datasheet (HTML) - SOVICO corp.


MA1 Product details

*BNC Connector(20Cm RG Cable))/ 전용 브라켓 등으로 실내 및 실외용 등의 현장에 적합
*일반 무지향성 안테나의 특성(넓은 Beam width/낮은 Antenna Gain)의 단점을 보완하고자
2 Way radiation pattern 방식으로 안테나 설계-넓은 Beam width확보
*다양한 현장의 적절한 RF환경을 위한 RF ATT Level Step 조정가능(0dB ~ -18dB)




Similar Part No. - MA1

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA1 TIMOTION-MA1 Datasheet
904Kb / 10P
Max. load ACME screw: 8,000N (push/pull)
20230919-H
logo
ABB
MA1-8015 ABB-MA1-8015 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
MA1-8053 ABB-MA1-8053 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
MA1-8130 ABB-MA1-8130 Datasheet
2Mb / 24P
Pilot devices The core offering
2016
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
Circuit Breaker
More results


Similar Description - MA1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
Rohm
BP3595 ROHM-BP3595 Datasheet
301Kb / 1P
Compact Wireless LAN Module with Integrated Antenna
logo
Texas Instruments
CC2540T TI1-CC2540T Datasheet
1,023Kb / 37P
Extended Industrial Temperature Bluetooth Smart Wireless MCU
logo
Pulse A Technitrol Comp...
W1043 PULSE-W1043 Datasheet
617Kb / 2P
Wireless External Dual Band Antenna
W1028B PULSE-W1028B Datasheet
1Mb / 2P
Wireless External Dual Band Antenna
W1049B PULSE-W1049B Datasheet
337Kb / 2P
Wireless External Antenna
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com