Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JP4 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

JP4 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # JP4
Download  JP4 Download
File Size   431.56 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,500N (push); 3,000N (pull)

JP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
JP4 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # JP4
Download  JP4 Click to download

File Size   431.56 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,500N (push); 3,000N (pull)

JP4 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


JP4 Product details

General Features
Max. load 4,500N (push); 3,000N (pull)
Max. speed at max. load 2.5mm/s
Max. speed at no load 27.5mm/s
Retracted length ≥ Stroke + 289mm
IP rating IP69K
Certificate UL73
Stroke 20~1000mm
Output signals Hall sensors
Voltage 12/24V DC; 12/24V DC (PTC)
Color Black, grey
Operational temperature range -5°C~+65°C
Operational temperature range +5°C~+45°C
at full performance
Storage temperature range -40°C~+70°C




Similar Part No. - JP4

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
JP4CMB PANDUIT-JP4CMB Datasheet
3Mb / 6P
J-Pro??Cable Support System
12/2015
JP4CMB-X20 PANDUIT-JP4CMB-X20 Datasheet
3Mb / 6P
J-Pro??Cable Support System
12/2015
JP4CP PANDUIT-JP4CP Datasheet
3Mb / 6P
J-Pro??Cable Support System
12/2015
JP4CP-X20 PANDUIT-JP4CP-X20 Datasheet
3Mb / 6P
J-Pro??Cable Support System
12/2015
JP4HBC25RB PANDUIT-JP4HBC25RB Datasheet
3Mb / 6P
J-Pro??Cable Support System
12/2015
More results


Similar Description - JP4

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA31 TIMOTION-TA31 Datasheet
1Mb / 11P
Max. load 8,000N (push); 3,000N (pull)
20230406-U
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com