Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL18 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL18 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL18
Download  TL18 Download
File Size   701.63 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,500N (push)

TL18 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL18 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL18
Download  TL18 Click to download

File Size   701.63 Kbytes
Page   7 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,500N (push)

TL18 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL18 Product details

General Features
Max. load 4,500N (push)
Self-locking force 4,500N
Max. dynamic bending moment 250Nm
Max. static bending moment 500Nm
Max. speed at max. load 6.6mm/s
Max. speed at no load 45mm/s
Retracted length ≥ Stroke + 147mm
Dimension of outer tube 196.4*148.4mm rectangular
Stages 2-stage
Stroke 100~1000mm
Certificate IEC60601-1, ES60601-1,
IEC60601-1-2, UL73, EMC
Output signals Hall sensors
Options Cable exit from top or bottom
side, direct cut system
Voltage 12 / 24V DC
Operational temperature range +5°C~+45°C




Similar Part No. - TL18

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL18017AD1 TRANSKO-TL18017AD1 Datasheet
566Kb / 4P
180.00 MHz IF SAW Filter / 17.08 MHz Bandwidth
Revision 0: 19 Nov. 2009
logo
Texas Instruments
TL182 TI-TL182 Datasheet
293Kb / 6P
BI MOS SWITCHES
logo
List of Unclassifed Man...
TL1838 ETC1-TL1838 Datasheet
478Kb / 4P
TL1838 Infrared Receiver Datasheet
TL1838 ETC-TL1838 Datasheet
1Mb / 4P
IR Receiver Modules for Remote Control Systems
TL1838 ETC-TL1838_V01 Datasheet
1Mb / 4P
IR Receiver Modules for Remote Control Systems
More results


Similar Description - TL18

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP4 TIMOTION-JP4 Datasheet
431Kb / 7P
Max. load 4,500N (push); 3,000N (pull)
20230627-H
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
Max. load 700N (push)
20220517-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com