Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL13K Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL13K Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL13K
Download  TL13K Download
File Size   612.39 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 600N (push)

TL13K Datasheet (PDF)

Go To PDF Page Download Datasheet
TL13K Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL13K
Download  TL13K Click to download

File Size   612.39 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 600N (push)

TL13K Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL13K Product details

General Features
Max. load 600N (push)
Max. speed at max. load 31mm/s
Max. speed at no load 38mm/s
Retracted length Standard (compatible with foot): 645mm
Extended (compatible with shoe): 665mm
Dimension of outer tube 70*70mm square
Stages 2-stage
Stroke 500mm
Output signals Hall sensors
Voltage 24V DC
Color Black, white, grey, or special grey
With motor house




Similar Part No. - TL13K

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
logo
Transko Electronics, In...
TL13007AV TRANSKO-TL13007AV Datasheet
398Kb / 3P
130.9 MHz IF SAW Filter / 7.65 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL13007BS1 TRANSKO-TL13007BS1 Datasheet
397Kb / 3P
130.90 MHz IF SAW Filter / 7.80 MHz Bandwidth
Revision 2: 1 Oct. 2007
TL133002AS TRANSKO-TL133002AS Datasheet
436Kb / 3P
133.2 MHz IF SAW Filter / 430 kHz Bandwidth
Revision 1: 19 Mar. 2010
TL13507AV TRANSKO-TL13507AV Datasheet
457Kb / 4P
135.0 MHz IF SAW Filter / 7.6 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results


Similar Description - TL13K

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14KR TIMOTION-TL14KR Datasheet
359Kb / 5P
Max. load 600N (push)
20230829-A
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
TL4K TIMOTION-TL4K Datasheet
415Kb / 5P
Max. load 600N (push)
20230714-F
TL9K TIMOTION-TL9K Datasheet
580Kb / 5P
Max. load 600N (push)
20230714-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com