Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA37 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA37 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA37
Download  TA37 Download
File Size   828.05 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 12,000N (push)

TA37 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA37 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA37
Download  TA37 Click to download

File Size   828.05 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 12,000N (push)

TA37 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA37 Product details

General Features
Max. load 12,000N (push)
Max. speed at max. load 5.3mm/s
Max. speed at no load 31.1mm/s
Retracted length ≥ Stroke + 170mm
IP rating IP66W
Certificate IEC60601-1
Stroke 25~1000mm
Options Hall sensors, manual release
(for patient hoist)
Voltage 24 / 36V DC (thermal protector)
Color Black or grey
Operational temperature range +5°C~+45°C
Suitable for patient hoist application




Similar Part No. - TA37

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TA37.5A TOPSTEK-TA37.5A Datasheet
175Kb / 4P
Topstek Current Transducer
TA37.5A4V TOPSTEK-TA37.5A4V Datasheet
175Kb / 4P
Topstek Current Transducer
logo
Transko Electronics, In...
TA370AP TRANSKO-TA370AP Datasheet
311Kb / 4P
Wireless, RF SAW Filter
Revision 0: December 2011
TA374AP TRANSKO-TA374AP Datasheet
304Kb / 4P
CDMA, RF-Tx SAW Filter
Revision 2: June 2004
logo
Pico Technology Ltd.
TA375 PICO-TA375 Datasheet
6Mb / 28P
PC oscilloscopes and MSOs
More results


Similar Description - TA37

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
Max. load 700N (push)
20220517-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com