Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL6 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL6 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL6
Download  TL6 Download
File Size   545.62 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 700N (push)

TL6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL6 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL6
Download  TL6 Click to download

File Size   545.62 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 700N (push)

TL6 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL6 Product details

General Features
Max. load 700N (push)
Max. speed at max. load 35mm/s
Max. speed at no load 46mm/s
Retracted length Standard: 590 / 560 (M) / 520 (S)mm
For shoes: 610 / 580 (M) / 540 (S)mm
Dimension of outer tube Ø70mm, round
Stages 3-stage
Stroke 650 / 660 (M, S)mm
Output signals Hall sensors
Voltage 24V DC
Operational temperature range +5°C~+45°C
Inline column




Similar Part No. - TL6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL6006 STMICROELECTRONICS-TL6006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
Texas Instruments
TL601 TI-TL601 Datasheet
307Kb / 6P
P MOS ANALOG SWITCHES
logo
Transko Electronics, In...
TL6011V TRANSKO-TL6011V Datasheet
572Kb / 4P
60.00 MHz IF SAW Filter / 12.0 MHz Bandwidth
Revision 1: 15 Nov. 2007
logo
Texas Instruments
TL601CP TI1-TL601CP Datasheet
125Kb / 9P
P-MOS ANALOG SWITCHES
TL601IP TI1-TL601IP Datasheet
125Kb / 9P
P-MOS ANALOG SWITCHES
More results


Similar Description - TL6

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA20 TIMOTION-TA20 Datasheet
616Kb / 6P
Max. load 700N (push)
20210408-G
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL13S TIMOTION-TL13S Datasheet
342Kb / 5P
Max. load 700N (push)
20230609-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL4S TIMOTION-TL4S Datasheet
414Kb / 5P
Max. load 700N (push)
20230609-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com