Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA20 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA20 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA20
Download  TA20 Download
File Size   616.55 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 700N (push)

TA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA20 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA20
Download  TA20 Click to download

File Size   616.55 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 700N (push)

TA20 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA20 Product details

General Features
Max. load 700N (push)
Max. speed at max. load 38mm/s
Max. speed at no load 63mm/s
Retracted length ≥ (Stroke/2) + 177mm
Stroke 50~800mm
Options Hall sensors
Operational temperature range +5°C~+45°C
Suitable for 3-stage desk columns




Similar Part No. - TA20

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
TA20-100 YHDC-TA20-100 Datasheet
621Kb / 1P
Through core type precision current transformer
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA20-11CGKWA KINGBRIGHT-TA20-11CGKWA Datasheet
341Kb / 6P
50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TA20-11EWA ETC-TA20-11EWA Datasheet
236Kb / 6P
50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Similar Description - TA20

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL13S TIMOTION-TL13S Datasheet
342Kb / 5P
Max. load 700N (push)
20230609-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL4S TIMOTION-TL4S Datasheet
414Kb / 5P
Max. load 700N (push)
20230609-E
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
Max. load 700N (push)
20220517-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com