Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4S Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL4S Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL4S
Download  TL4S Download
File Size   414.69 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 700N (push)

TL4S Datasheet (PDF)

Go To PDF Page Download Datasheet
TL4S Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL4S
Download  TL4S Click to download

File Size   414.69 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 700N (push)

TL4S Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL4S Product details

General Features
Max. load 700N (push)
Max. speed at max. load 32mm/s
Max. speed at no load 47mm/s
Retracted length Standard (compatible with foot):
590 / 560(M) / 520(S)mm
Extended (compatible with shoe):
610 / 580(M) /540(S)mm
Dimension of outer tube 70*70mm square
Stages 3-stage
Stroke 650 / 660 (M, S) mm
Output signals Hall sensors
Voltage 24V DC
Color Black, white, grey, or special colors
With motor house




Similar Part No. - TL4S

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
4A Bridge Rectifier
logo
STMicroelectronics
TL4006 STMICROELECTRONICS-TL4006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
More results


Similar Description - TL4S

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA20 TIMOTION-TA20 Datasheet
616Kb / 6P
Max. load 700N (push)
20210408-G
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL13S TIMOTION-TL13S Datasheet
342Kb / 5P
Max. load 700N (push)
20230609-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
Max. load 700N (push)
20220517-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com