Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL14KR Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL14KR Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL14KR
Download  TL14KR Download
File Size   359.0 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 600N (push)

TL14KR Datasheet (PDF)

Go To PDF Page Download Datasheet
TL14KR Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL14KR
Download  TL14KR Click to download

File Size   359.0 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 600N (push)

TL14KR Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL14KR Product details

General Features
Max. load 600N (push)
Max. speed at max. load 31mm/s
Max. speed at no load 38mm/s
Retracted length Standard (compatible with foot): 645mm
Extended (compatible with shoe): 665mm
Dimension of outer tube Ø70mm round
Stages 2-stage
Stroke 500mm
Output signals Hall sensors
Voltage 24V DC
Current at rated load 500mm
Operational temperature range +5°C~+45°C




Similar Part No. - TL14KR

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
logo
Transko Electronics, In...
TL14006AV TRANSKO-TL14006AV Datasheet
667Kb / 5P
140.0 MHz IF SAW Filter / 6.40 MHz Bandwidth
Revision 0: 03 Feb. 2012
TL14013AV TRANSKO-TL14013AV Datasheet
623Kb / 5P
140.0 MHz IF SAW Filter / 13.70 MHz Bandwidth
Revision 0: 03 Feb. 2012
TL14020AV TRANSKO-TL14020AV Datasheet
566Kb / 4P
140.0 MHz IF SAW Filter / 20.80 MHz Bandwidth
Revision 0: 08 Jul. 2008
TL14077AV TRANSKO-TL14077AV Datasheet
531Kb / 4P
140.0 MHz IF SAW Filter / 77.30 MHz Bandwidth
Revision 0: 15 Oct. 2009
More results


Similar Description - TL14KR

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
TL4K TIMOTION-TL4K Datasheet
415Kb / 5P
Max. load 600N (push)
20230714-F
TL9K TIMOTION-TL9K Datasheet
580Kb / 5P
Max. load 600N (push)
20230714-G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com