Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA14 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA14 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA14
Download  TA14 Download
File Size   723.36 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push)

TA14 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA14 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA14
Download  TA14 Click to download

File Size   723.36 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 6,000N (push)

TA14 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA14 Product details

General Features
Max. load 6,000N (push)
Max. load 4,000N (pull)
Max. speed at max. load 4.1mm/s
Max. speed at no load 39mm/s
Retracted length ≥ Stroke + 163mm
Certificate UL962, EMC
Stroke 25~1000mm
Voltage 12/24/36V DC; 24V DC (PTC)
Color Black or dark grey
Operational temperature range +5°C~+45°C
at full performance
For direct-cut system: Can function without control box




Similar Part No. - TA14

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TA140-12B BOTHHAND-TA140-12B Datasheet
50Kb / 1P
10 BASE-T ETHERNET COUPLING TRANSFORMER
TA140-14 BOTHHAND-TA140-14 Datasheet
251Kb / 1P
10 BASE-T LAN MAGNETIC
TA140-22B BOTHHAND-TA140-22B Datasheet
49Kb / 1P
10 BASE-T ETHERNET COUPLING TRANSFORMER
TA140-22C BOTHHAND-TA140-22C Datasheet
53Kb / 1P
10 BASE-T ETHERNET COUPLING TRANSFORMER
logo
Transko Electronics, In...
TA14009AF TRANSKO-TA14009AF Datasheet
584Kb / 4P
140.00MHz IF SAW Filter / 9.25 MHz Bandwidth
Revision 0: 5 June 2009
More results


Similar Description - TA14

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA21 TIMOTION-TA21 Datasheet
629Kb / 4P
Max. load 10,000N (push); 6,000N (pull)
20231005-I
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TT1 TIMOTION-TT1 Datasheet
923Kb / 5P
Max. load 6,000N (push)
20220311-M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com