Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA6 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # MA6
Description  Max. load 8,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA6 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  MA6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Standard Dimensions
(mm)
Drawing
Note
1 Please refer to the approved drawing for the final authentic value.
2 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC; speed will be similar for both voltages.
3 The current & speed in table are tested when the actuator is extending under push load.
4 The current & speed in table and diagram are tested with a stable 24V DC power supply.
5 Without load, noise level ≤ 78dBA (by TiMOTION test standard, ambient noise level ≤ 36dBA).
6 Standard stroke: Min. 25mm, Max. please refer to the table below.
CODE
Load (N)
Max Stroke (mm)
B, C
≤ 2000
1000
D
≤ 4000
700
E
≤ 8000
300
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Duty Cycle
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
Mechenical
Brake
No Load
24V DC
With Load
24V DC
No Load
24V DC
With Load
24V DC
Motor Speed (5100RPM)
B
1000
1000
1300
25%
3.5
9.0
64.0
50.0
C
2000
2000
2600
25%
3.5
8.0
32.0
25.5
D
4000
4000
5200
25%
3.5
8.0
16.0
12.8
E
8000
8000
10400
25%
3.5
9.0
8.0
6.2
∅12.2
Retracted Length
13.1
12.6
180.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com