Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA42 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA42 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA42
Download  TA42 Download
File Size   565.81 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,500N (push/pull)

TA42 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA42 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA42
Download  TA42 Click to download

File Size   565.81 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,500N (push/pull)

TA42 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA42 Product details

General Features
Max. load 1,500N (push/pull)
Max. speed at max. load 6.2mm/s
Max. speed at no load 13.2mm/s
Retracted length ≥ Stroke + 100mm
Stroke 25~200mm
Options Push only
Voltage 24V DC; 24V DC (PTC)
Color Black or grey
Operational temperature range +5°C~+45°C
Suitable for recliner applications




Similar Part No. - TA42

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA422AM1 TRANSKO-TA422AM1 Datasheet
354Kb / 4P
CDMA 450 L-Band, Balanced RF-Rx SAW Filter
Revision 0: December 2005
TA422AP TRANSKO-TA422AP Datasheet
262Kb / 3P
Wireless, RF SAW Filter
Revision 0:
TA422BM TRANSKO-TA422BM Datasheet
307Kb / 4P
CDMA 450 L-Band, RF-Rx SAW Filter
Revision 0: May 2006
TA422BP TRANSKO-TA422BP Datasheet
319Kb / 4P
CDMA 450 L-Band, RF-Rx SAW Filter
Revision 0: December 2009
TA422CM1 TRANSKO-TA422CM1 Datasheet
354Kb / 4P
CDMA 450 L-Band, Balanced RF-Rx SAW Filter
Revision 0: November 2006
More results


Similar Description - TA42

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA6 TIMOTION-MA6 Datasheet
675Kb / 8P
Max. load 8,000N (push/pull)
20231106-B
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com