Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2PAC Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TA2PAC
Description  Max. load 2,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2PAC Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TA2PAC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA2PAC Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Standard Dimensions
(mm)
Drawing
Note
1 Please refer to the approved drawing for the final authentic value.
2 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
3 The current & speed in table are tested when the actuator is extending under push load.
4 Standard stroke: Min. 20mm, Max. please refer to below table.
CODE
Load (N)
Max Stroke (mm)
A
≤ 250
1000
B
≤ 500
800
C
≤ 1000
600
D
≤ 1500
500
E
≤ 2000
450
255
Retracted Length
ø6.4
ø6.4
R9.4
9
14
11
Load and Speed
CODE
Load (N)
Self
Locking
Force
(N)
Typical Current (A)
Typical Speed (mm/s) Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load With Load No Load With Load No Load With Load No Load With Load
110V DC
220V DC
Motor Speed (5200RPM, Duty Cycle 25%)
A
250
250
250
0.26
0.50
52.0
43.5
0.13
0.25
52.0
43.5
B
500
500
500
0.24
0.54
31.0
27.7
0.12
0.27
31.0
27.7
C
1000
1000
1000
0.24
0.65
16.9
14.2
0.12
0.32
16.9
14.2
D
1500
1500
1500
0.21
0.61
10.8
9.6
0.11
0.30
10.8
9.6
E
2000
2000
2000
0.21
0.50
8.5
7.5
0.11
0.25
8.5
7.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com