Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA21 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TA21
Description  Max. load 10,000N (push); 6,000N (pull)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA21 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TA21 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
TA21 Ordering Key
TA21
Version: 20231005-I
Load and Speed
Voltage
Cable Length (mm)
Signal Output
Connector
2 = 24V DC
5 = 24V DC, UL
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 2000
7 = Curly, 200
8 = Curly, 400
0 = Without
2 = Hall sensors*2
3 = Reed Sensor
1 = DIN 6P, 90° plug
2 = Tinned leads
F = DIN 6P, 180° plug
Stroke (mm)
Retracted Length
(mm)
See page 2
See page 2
See page 2
Motor Cable Color
Special Functions
for Spindle Sub-
Assembly
1 = Black
2 = Grey (Pantone 428C)
1 = Safety nut
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com