Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3209542 Datasheet (PDF) - PHOENIX CONTACT

3209542 Datasheet PDF - PHOENIX CONTACT
Part # 3209542
Download  3209542 Download
File Size   240.53 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-TG - Disconnect terminal block

3209542 Datasheet (PDF)

Go To PDF Page Download Datasheet
3209542 Datasheet PDF - PHOENIX CONTACT

Part # 3209542
Download  3209542 Click to download

File Size   240.53 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-TG - Disconnect terminal block

3209542 Datasheet (HTML) - PHOENIX CONTACT


3209542 Product details

Disconnect terminal block, nom. voltage: 400 V, nominal current: 20 A, connection method:
Push-in connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, connection
method: Screw connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2,
mounting: NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 3209542

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209540 PHOENIX-3209540 Datasheet
239Kb / 8P
PTU 4-MTD-P - Feed-through terminal block
3209541 PHOENIX-3209541 Datasheet
240Kb / 8P
PTU 4-TG-P - Disconnect terminal block
3209549 PHOENIX-3209549 Datasheet
122Kb / 6P
PIT 2,5-TWIN, Feed-through modular terminal block
More results


Similar Description - 3209542

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210185 PHOENIX-3210185 Datasheet
116Kb / 7P
PIT 2,5-TG, Disconnect terminal block
3024326 PHOENIX-3024326 Datasheet
61Kb / 3P
Disconnect terminal block - ZFK 4-TG BU
3046169 PHOENIX-3046169 Datasheet
73Kb / 4P
Disconnect terminal block - UT 4-TG-P/P-EX
3064030 PHOENIX-3064030 Datasheet
80Kb / 5P
Disconnect terminal block - UT 4-QUATTRO-TG P/P
3073924 PHOENIX-3073924 Datasheet
64Kb / 5P
Disconnect terminal block - UK 4-TG BK
3046143 PHOENIX-3046143 Datasheet
454Kb / 20P
Disconnect terminal block - UT 4-TG-EX
3046595 PHOENIX-3046595 Datasheet
506Kb / 23P
Disconnect terminal block - UT 4-TWIN-TG
3270088 PHOENIX-3270088 Datasheet
559Kb / 28P
Disconnect terminal block - PTC 2,5-TG
3206490 PHOENIX-3206490 Datasheet
614Kb / 27P
Disconnect terminal block - QTC 2,5-TG
09/30/2021
3209530 PHOENIX-3209530 Datasheet
257Kb / 23P
Test disconnect terminal block - PTU 6-T-P
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com