Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3209540 Datasheet (PDF) - PHOENIX CONTACT

3209540 Datasheet PDF - PHOENIX CONTACT
Part # 3209540
Download  3209540 Download
File Size   239.03 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-MTD-P - Feed-through terminal block

3209540 Datasheet (PDF)

Go To PDF Page Download Datasheet
3209540 Datasheet PDF - PHOENIX CONTACT

Part # 3209540
Download  3209540 Click to download

File Size   239.03 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-MTD-P - Feed-through terminal block

3209540 Datasheet (HTML) - PHOENIX CONTACT


3209540 Product details

Feed-through terminal block, with test socket screws to accommodate 4 mm test plugs, nom.
voltage: 400 V, nominal current: 20 A, connection method: Push-in connection, Rated cross
section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, connection method: Screw connection, Rated
cross section: 2.5 mm2, cross section: 0.2 mm2 - 6 mm2, mounting: NS 35/7,5, NS 35/15, color:
gray




Similar Part No. - 3209540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209541 PHOENIX-3209541 Datasheet
240Kb / 8P
PTU 4-TG-P - Disconnect terminal block
3209542 PHOENIX-3209542 Datasheet
240Kb / 8P
PTU 4-TG - Disconnect terminal block
3209549 PHOENIX-3209549 Datasheet
122Kb / 6P
PIT 2,5-TWIN, Feed-through modular terminal block
More results


Similar Description - 3209540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3064111 PHOENIX-3064111 Datasheet
154Kb / 17P
Feed-through terminal block - UT 2,5-MTD P/P BU
3209519 PHOENIX-3209519 Datasheet
75Kb / 5P
Feed-through terminal block - PTU 2,5
3211855 PHOENIX-3211855 Datasheet
195Kb / 26P
Feed-through terminal block - PTU 4
3211856 PHOENIX-3211856 Datasheet
189Kb / 24P
Feed-through terminal block - PTU 4 BU
3211866 PHOENIX-3211866 Datasheet
73Kb / 5P
Feed-through terminal block - PTU 4 BK
3047688 PHOENIX-3047688 Datasheet
813Kb / 21P
Feed-through terminal block - UT 4-MTD RD
3064098 PHOENIX-3064098 Datasheet
435Kb / 22P
Feed-through terminal block - UT 2,5-MTD P/P
3209520 PHOENIX-3209520 Datasheet
559Kb / 29P
Feed-through terminal block - PTU 2,5 BU
3211865 PHOENIX-3211865 Datasheet
500Kb / 26P
Feed-through terminal block - PTU 4 WH
09/30/2021
3211864 PHOENIX-3211864 Datasheet
500Kb / 26P
Feed-through terminal block - PTU 4 RD
09/30/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com