Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3244591 Datasheet (PDF) - PHOENIX CONTACT

3244591 Datasheet PDF - PHOENIX CONTACT
Part # 3244591
Download  3244591 Download
File Size   244.32 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UDMTKB 5-P/P GN - Feed-through terminal block

3244591 Datasheet (PDF)

Go To PDF Page Download Datasheet
3244591 Datasheet PDF - PHOENIX CONTACT

Part # 3244591
Download  3244591 Click to download

File Size   244.32 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UDMTKB 5-P/P GN - Feed-through terminal block

3244591 Datasheet (HTML) - PHOENIX CONTACT


3244591 Product details

Feed-through terminal block, With test socket screws for insertion of test plugs, nom.
voltage: 400 V, nominal current: 10 A, 1st and 2nd level, connection method: Screw connection,
Rated cross section: 4 mm2, cross section: 0.2 mm2 - 4 mm2, 2nd level, connection method:
Screw connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 4 mm2, mounting:
NS 35/7,5, NS 35/15, NS 32, color: green




Similar Part No. - 3244591

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
324459 TEC-324459 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
More results


Similar Description - 3244591

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0790543 PHOENIX-0790543 Datasheet
79Kb / 5P
Feed-through terminal block - OTTA 2,5-P/P
0790621 PHOENIX-0790621 Datasheet
71Kb / 5P
Feed-through terminal block - OTTA 6-P/P YE
2800046 PHOENIX-2800046 Datasheet
135Kb / 12P
Feed-through terminal block - UKK 5-MTK-P/P-LA 60RD/O-U
2800318 PHOENIX-2800318 Datasheet
130Kb / 12P
Feed-through terminal block - UKK 5-MTK-P/P-LA230
3007110 PHOENIX-3007110 Datasheet
54Kb / 4P
Feed-through terminal block - UDK 4-P/P
3101139 PHOENIX-3101139 Datasheet
156Kb / 13P
Feed-through terminal block - UDMTK 5-TWIN-P/P BU
3209537 PHOENIX-3209537 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6-P
3046140 PHOENIX-3046140 Datasheet
520Kb / 15P
Feed-through terminal block - UT 4-PE/MT P/P
3064098 PHOENIX-3064098 Datasheet
435Kb / 22P
Feed-through terminal block - UT 2,5-MTD P/P
1923160 PHOENIX-1923160 Datasheet
236Kb / 21P
Feed-through terminal block - UK 5-TWIN GN
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com