Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3244591 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3244591
Description  UDMTKB 5-P/P GN - Feed-through terminal block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3244591 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3244591 Datasheet HTML 1Page - PHOENIX CONTACT 3244591 Datasheet HTML 2Page - PHOENIX CONTACT 3244591 Datasheet HTML 3Page - PHOENIX CONTACT 3244591 Datasheet HTML 4Page - PHOENIX CONTACT 3244591 Datasheet HTML 5Page - PHOENIX CONTACT 3244591 Datasheet HTML 6Page - PHOENIX CONTACT 3244591 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Feed-through terminal block, With test socket screws for insertion of test plugs, nom.
voltage: 400 V, nominal current: 10 A, 1st and 2nd level, connection method: Screw connection,
Rated cross section: 4 mm2, cross section: 0.2 mm2 - 4 mm2, 2nd level, connection method:
Screw connection, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 4 mm2, mounting:
NS 35/7,5, NS 35/15, NS 32, color: green
Commercial data
Item number
3244591
Packing unit
50 pc
Minimum order quantity
1 pc
Product key
BE1231
GTIN
4046356560771
Weight per piece (including packing)
33.292 g
Weight per piece (excluding packing)
33.292 g
Country of origin
TR
UDMTKB 5-P/P GN - Feed-through terminal block
3244591
https://www.phoenixcontact.com/us/products/3244591
Feb 3, 2025, 12:42 AM
Page 1 (7)


Similar Part No. - 3244591

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
324459 TEC-324459 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
More results

Similar Description - 3244591

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0790543 PHOENIX-0790543 Datasheet
79Kb / 5P
Feed-through terminal block - OTTA 2,5-P/P
0790621 PHOENIX-0790621 Datasheet
71Kb / 5P
Feed-through terminal block - OTTA 6-P/P YE
2800046 PHOENIX-2800046 Datasheet
135Kb / 12P
Feed-through terminal block - UKK 5-MTK-P/P-LA 60RD/O-U
2800318 PHOENIX-2800318 Datasheet
130Kb / 12P
Feed-through terminal block - UKK 5-MTK-P/P-LA230
3007110 PHOENIX-3007110 Datasheet
54Kb / 4P
Feed-through terminal block - UDK 4-P/P
3101139 PHOENIX-3101139 Datasheet
156Kb / 13P
Feed-through terminal block - UDMTK 5-TWIN-P/P BU
3209537 PHOENIX-3209537 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6-P
3046140 PHOENIX-3046140 Datasheet
520Kb / 15P
Feed-through terminal block - UT 4-PE/MT P/P
3064098 PHOENIX-3064098 Datasheet
435Kb / 22P
Feed-through terminal block - UT 2,5-MTD P/P
1923160 PHOENIX-1923160 Datasheet
236Kb / 21P
Feed-through terminal block - UK 5-TWIN GN
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com