Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1329 Datasheet (PDF) - ams AG

AS1329 Datasheet PDF - ams AG
Part # AS1329
Download  AS1329 Download
File Size   88.15 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low Voltage, Micropower, DC-DC Step-Up Converters

AS1329 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1329 Datasheet PDF - ams AG

Part # AS1329
Download  AS1329 Click to download

File Size   88.15 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low Voltage, Micropower, DC-DC Step-Up Converters

AS1329 Datasheet (HTML) - ams AG


AS1329 Product details

General Description

The AS1329A, AS1329B and the AS1329C are synchronous, fixed frequency, very high-efficiency DC-DC boost converters capable of supplying 3.3V at 160mA from a single AA-supply. Compact size and minimum external parts requirements make these devices perfect for modern portable devices.

High-speed switching frequency (1.2MHz) and internally compensated PWM current mode design provide highly reliable DC-DC conversion, especially when driving white LEDs.



Key Features

■ 95% Efficiency

■ Single-Cell Operation

■ Delivers 160mA @ 3.3V (from Single AA Cell)

■ Delivers 220mA @ 5.0V (from Two AA Cells)

■ Delivers 570mA @ 3.3V (from Two AA Cells)

■ Low Start-Up Voltage: 0.85V

■ High-Speed Fixed-Frequency: 1.2MHz

■ Internal PMOS Synchronous Rectifier

■ Automatic Powersave Operation (AS1329A&B)

■ Continuous Switching at Light Loads (AS1329C)

■ Anti-Ringing Control Minimizes EMI

■ Logic Controlled Shutdown (< 1µA)

■ Output Range: 2.5 to 5.0V

■ 6-pin TSOT-23 Package



Applications

  The AS1329 is ideal for low-power applications where ultra-small size is critical as in medical diagnostic equipment, hand-held instruments, pagers, digital cameras, remote wireless transmitters, MP3 players, LCD bias supplies, cordless phones, GPS receivers, and PC cards.



 




Similar Part No. - AS1329

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1329 AMSCO-AS1329 Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1329A AMSCO-AS1329A Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329A-BTTT AMSCO-AS1329A-BTTT Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329A-BTTT AMSCO-AS1329A-BTTT Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
More results


Similar Description - AS1329

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
ams AG
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
Low-Noise Step-Up DC-DC Converters
2005
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com