Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9104 Datasheet (PDF) - Torex Semiconductor

XC9104 Datasheet PDF - Torex Semiconductor
Part # XC9104
Download  XC9104 Download
File Size   205.19 Kbytes
Page   19 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Step-Up DC/DC Converters

XC9104 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9104 Datasheet PDF - Torex Semiconductor

Part # XC9104
Download  XC9104 Click to download

File Size   205.19 Kbytes
Page   19 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Step-Up DC/DC Converters

XC9104 Datasheet (HTML) - Torex Semiconductor


XC9104 Product details

GENERAL DESCRIPTION

The XC9103/9104/9105 series are PWM, PWM/PFM auto switching/manual switching controlled multi-functional step-up DC/DC converter controllers.

Output will be stable no matter which load capacitors are used but should a low ESR capacitor be used, RSENSE of about 0.1Ω will be required and phase compensation will be achieved. This makes the use of ceramic capacitors much easier and allows for lower output ripple and reduced PCB area requirements. Tantalum and electrolytic capacitors can also be used, in which case, RSENSE becomes unnecessary.



Ceramic Capacitors Compatible

Input Voltage Range: 0.9V~10.0V

Output Voltage Externally Set-up

Oscillation Frequency: 300kHz, 180kHz (±15%)

PWM Control (XC9103)

   PWM/PFM Automatic Switching Control (XC9104)

   PWM/PFM Manual Switching Control (XC9105)

SOT-25 / USP-6B Package



APPLICATIONS

PDAs

Cellular Phones

Palmtop Computers

Portable Audio Systems

Various Multi-function Power Supplies



 




Similar Part No. - XC9104

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
1Mb / 23P
Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9104B091DL TOREX-XC9104B091DL Datasheet
1Mb / 23P
Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9104B091DR TOREX-XC9104B091DR Datasheet
1Mb / 23P
Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9104B091ML TOREX-XC9104B091ML Datasheet
1Mb / 23P
Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9104B091MR TOREX-XC9104B091MR Datasheet
1Mb / 23P
Ceramic Capacitor Compatible, Step-up DC/DC Controllers
More results


Similar Description - XC9104

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
ams AG
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
Micropower Step-Up DC/DC Converters
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
Low-Noise Step-Up DC-DC Converters
2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com