Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7846E Datasheet (PDF) - SYC Electronica

ADS7846E Datasheet PDF - SYC Electronica
Part # ADS7846E
Download  ADS7846E Download
File Size   762.93 Kbytes
Page   29 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description TOUCH SCREEN CONTROLLER

ADS7846E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7846E Datasheet PDF - SYC Electronica

Part # ADS7846E
Download  ADS7846E Click to download

File Size   762.93 Kbytes
Page   29 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description TOUCH SCREEN CONTROLLER

ADS7846E Datasheet (HTML) - SYC Electronica


ADS7846E Product details

FEATURES
 SAME PINOUT AS ADS7843
 2.2V TO 5.25V OPERATION
 INTERNAL 2.5V REFERENCE
 DIRECT BATTERY MEASUREMENT (0V to 6V)
 ON-CHIP TEMPERATURE MEASUREMENT
 TOUCH-PRESSURE MEASUREMENT
 QSPITM/SPITM 3-WIRE INTERFACE
 AUTO POWER-DOWN
 TSSOP-16, SSOP-16, QFN-16,
AND VFBGA-48 PACKAGES

DESCRIPTION
The ADS7846 is a next-generation version to the industry
standard ADS7843 4-wire touch screen controller. The
ADS7846 is 100% pin-compatible with the existing ADS7843,
and drops into the same socket. This allows for easy upgrade
of current applications to the new version. Only software
changes are required to take advantage of the added features
of direct battery measurement, temperature measurement,
and touch-pressure measurement. The ADS7846 also
has an on-chip 2.5V reference that can be used for the
auxiliary input, battery monitor, and temperature measurement
modes. The reference can also be powered down when
not used to conserve power. The internal reference operates
down to 2.7V supply voltage while monitoring the battery
voltage from 0V to 6V.
The low-power consumption of < 0.75mW (typ at 2.7V,
reference off), high speed (up to 125kHz clock rate), and onchip
drivers make the ADS7846 an ideal choice for batteryoperated
systems such as personal digital assistants (PDAs)
with resistive touch screens, pagers, cellular phones, and
other portable equipment. The ADS7846 is available in the
small TSSOP-16, SSOP-16, QFN-16, and VFBGA-48 packages
and is specified over the –40°C to +85°C temperature
range.

APPLICATIONS
 PERSONAL DIGITAL ASSISTANTS
 PORTABLE INSTRUMENTS
 POINT-OF-SALE TERMINALS
 PAGERS
 TOUCH SCREEN MONITORS
 CELLULAR PHONES




Similar Part No. - ADS7846E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7846E BURR-BROWN-ADS7846E Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Texas Instruments
ADS7846E TI1-ADS7846E Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
ADS7846E TI1-ADS7846E Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846E BURR-BROWN-ADS7846E Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7846E TI-ADS7846E Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
More results


Similar Description - ADS7846E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com