Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD05M4S6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD05M4S6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD05M4S6
Download  TPESD05M4S6 Download
File Size   2417.69 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance TVS Diode Array

TPESD05M4S6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD05M4S6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD05M4S6
Download  TPESD05M4S6 Click to download

File Size   2417.69 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance TVS Diode Array

TPESD05M4S6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD05M4S6 Product details

Features
« Low operating voltage: 5V/
» Ultra low capacitance: 1.5pF typical (I/O to l/0)
Ultra low leakage: nA level
« Low clamping voltage
» “IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV

Contact discharge: +30kV
-IEC61000-4-4 (EFT) 40A (5/50ns)
-IEC61000-4-5(Lightning):30A(8/20ps)
« These are Pb-Free Devices
o Response Time is Typically < 1 ns




Similar Part No. - TPESD05M4S6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD0502N TECHPUBLIC-TPESD0502N Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
TPESD0502P2 TECHPUBLIC-TPESD0502P2 Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
TPESD0502S6 TECHPUBLIC-TPESD0502S6 Datasheet
1Mb / 4P
Low Capacitance 2-Line ESD Protection
TPESD0504P TECHPUBLIC-TPESD0504P Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
TPESD0508P TECHPUBLIC-TPESD0508P Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
More results


Similar Description - TPESD05M4S6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com