Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS12M Datasheet (PDF) - ON Semiconductor

XGS12M Datasheet PDF - ON Semiconductor
Part # XGS12M
Download  XGS12M Download
File Size   221.35 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors

XGS12M Datasheet (PDF)

Go To PDF Page Download Datasheet
XGS12M Datasheet PDF - ON Semiconductor

Part # XGS12M
Download  XGS12M Click to download

File Size   221.35 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors

XGS12M Datasheet (HTML) - ON Semiconductor


XGS12M Product details

Description
The XGS CMOS image sensor family provides high resolution,
high performance global shutter image capture. The family comes in
different resolutions in a single package; 8.8, 9.4 and 12.6 MP with up
to 1−inch optical format. The 21 mm x 20 mm package makes the
XGS family particularly suited for integration in 29 mm x 29 mm
camera formats. The high speed, 12−bit output maximally leverages
interfaces such as USB 3.2, Thunderbolt 2 and 10 GigE.
Image data is read out through a column ADC architecture and then
transferred over a HiSPi interface. On−chip logic, programmable via
the serial interface, generates internal timing for integration and
readout control. Up to three register configurations can be
programmed and sequentially enabled (frame by frame) using a single
command over the control interface.
Features
 On−chip 12−bit Column ADCs
 10−bit Mode with Increased Frame Rate of
100 fps (24−lane) at Full Resolution
 Companding and 10−Bit Mode at 60 fps
(12−lane) and 30 fps (6−lane)
 Data Interface: 24−lane HiSPi (Scalable
Low−Voltage Signaling)
 Configurable Number of HiSPi Lanes:
24, 18, 12 or 6 Lanes
 Two−Wire (I2C) and Four−Wire (SPI)
Serial Interface
 Triggered Integration and Readout Control
 Programmable Control for up to 8 Regions
of Interest (ROI)
 Context Switching
 These Devices are Pb−Free, Halogen
Free/BFR Free and are RoHS Compliant
Applications
 Security
 Intelligent Transportation Systems (ITS)
 Broadcasting
 Medical
 Scientific




Similar Part No. - XGS12M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
XGS12000 ONSEMI-XGS12000 Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
More results


Similar Description - XGS12M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
Schneider Electric
XGSZ24 SCHNEIDER-XGSZ24 Datasheet
108Kb / 2P
RS 232/RS 485 line adaptor - for XGS-K, XGSD
Jan 7, 2021
logo
ON Semiconductor
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
XGS ONSEMI-XGS Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com