Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet (PDF) - ON Semiconductor

XGS Datasheet PDF - ON Semiconductor
Part # XGS
Download  XGS Download
File Size   1387.04 Kbytes
Page   53 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors

XGS Datasheet (PDF)

Go To PDF Page Download Datasheet
XGS Datasheet PDF - ON Semiconductor

Part # XGS
Download  XGS Click to download

File Size   1387.04 Kbytes
Page   53 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors

XGS Datasheet (HTML) - ON Semiconductor


XGS Product details

Description
The XGS CMOS image sensor family provides high resolution,
high performance global shutter image capture. The family comes in
different resolutions in a single package; 8.8, 9.4 and 12.6 Megapixels
with up to 1−inch optical format. The 21 mm x 20 mm package makes
the XGS family particularly suited for integration in 29 mm x 29 mm
camera formats. The high speed, 12−bit output maximally leverages
interfaces such as USB 3.2, Thunderbolt 2 and 10 GigE.
Image data is read out through a column ADC architecture and then
transferred over a HiSPi interface. On−chip logic, programmable via
the serial interface, generates internal timing for integration and
readout control. Up to three register conÂfigurations can be
programmed and sequentially enabled (frame by frame) using a single
command over the control interface.

Features
• On−chip 12−bit Column ADCs
• 10−bit Mode with Increased Frame Rate of
100 fps (24−lane) at Full Resolution
• Companding and 10−Bit Mode at 60 fps
(12−lane) and 30 fps (6−lane)
• Data Interface: 24−lane HiSPi (Scalable
Low−Voltage Signaling)
• Configurable Number of HiSPi Lanes:
24, 18, 12 or 6 Lanes
• Two−Wire (I2C) and Four−Wire (SPI)
Serial Interface
• Triggered Integration and Readout Control
• Programmable Control for up to 8 Regions
of Interest (ROI)
• Context Switching
• These Devices are Pb−Free, Halogen Free/
BFR Free and are RoHS Compliant

Applications
• Machine Vision
• Security
• Intelligent Transportation Systems (ITS)
• Broadcasting
• Medical
• Scientific




Similar Part No. - XGS

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
XGS-4 SYNERGY-XGS-4 Datasheet
381Kb / 2P
FREQUENCY DOUBLER
logo
ON Semiconductor
XGS12M ONSEMI-XGS12M Datasheet
221Kb / 6P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
August, 2023
XGS16M ONSEMI-XGS16M Datasheet
354Kb / 5P
XGS 16000 Global Shutter CMOS Image Sensor
August, 2024
XGS45M ONSEMI-XGS45M Datasheet
438Kb / 6P
Global Shutter CMOS Image Sensors
August, 2024
XGS5M ONSEMI-XGS5M Datasheet
345Kb / 5P
XGS 5000, XGS 3000 and XGS 2000 Global Shutter CMOS Image Sensors
August, 2024
More results


Similar Description - XGS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
Schneider Electric
XGSZ24 SCHNEIDER-XGSZ24 Datasheet
108Kb / 2P
RS 232/RS 485 line adaptor - for XGS-K, XGSD
Jan 7, 2021
logo
ON Semiconductor
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com