Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS16M Datasheet (PDF) - ON Semiconductor

XGS16M Datasheet PDF - ON Semiconductor
Part # XGS16M
Download  XGS16M Download
File Size   354.45 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description XGS 16000 Global Shutter CMOS Image Sensor

XGS16M Datasheet (PDF)

Go To PDF Page Download Datasheet
XGS16M Datasheet PDF - ON Semiconductor

Part # XGS16M
Download  XGS16M Click to download

File Size   354.45 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description XGS 16000 Global Shutter CMOS Image Sensor

XGS16M Datasheet (HTML) - ON Semiconductor


XGS16M Product details

Description
The XGS CMOS image sensor family provides high resolution,
high performance global shutter image capture. This is a 16 MP 1.1
inch resolution variant that is hardware compatible to the XGS 12000
and lower XGS resolutions. The 21.5 mm x 19.5 mm package makes
this sensor particularly suited for integration in 29 mm x 29 mm
camera formats. The high speed, 12−bit output maximally leverages
interfaces such as USB 3.2, Thunderbolt 2 and 10 GigE.
Image data is read out through a column ADC architecture and then
transferred over a HiSPi interface. On−chip logic, programmable via
the serial interface, generates internal timing for integration and
readout control. Up to three register configurations can be
programmed and sequentially enabled
Features
 On−chip 12−bit Column ADCs
 10−bit Mode with Increased Frame Rate of
76 fps (24−lane) at Full Resolution
 Companding and 10−Bit Mode at 52 fps
(12−lane) and 26 fps (6−lane)
 Dual Gain Mode with 74.5 dB Dynamic
Range (TJ = 40C) at Half Frame Rate
 Data Interface: 24−lane HiSPi (Scalable
Low−Voltage Signaling)
 Configurable Number of HiSPi Lanes:
24, 18, 12 or 6 Lanes
 Two−Wire (I2C) and Four−Wire (SPI)
Serial Interface
 Triggered Integration and Readout Control
 Programmable Control for up to 64
Regions of Interest (ROI)
 Context Switching
 These Devices are Pb−Free, Halogen Free/
BFR Free and are RoHS Compliant
Applications
 Machine Vision
 Security
 Intelligent Transportation Systems (ITS)
 Broadcasting
 Medical
 Scientific




Similar Part No. - XGS16M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
XGS12000 ONSEMI-XGS12000 Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
XGS12M ONSEMI-XGS12M Datasheet
221Kb / 6P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
August, 2023
More results


Similar Description - XGS16M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
logo
Pixart Imaging Inc.
PAC7640 PIXART-PAC7640 Datasheet
1Mb / 17P
Enhanced QE Global Shutter Image Sensor
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
XGS ONSEMI-XGS Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com