Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 2 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 2 Page - ON Semiconductor

  XGS Datasheet HTML 1Page - ON Semiconductor XGS Datasheet HTML 2Page - ON Semiconductor XGS Datasheet HTML 3Page - ON Semiconductor XGS Datasheet HTML 4Page - ON Semiconductor XGS Datasheet HTML 5Page - ON Semiconductor XGS Datasheet HTML 6Page - ON Semiconductor XGS Datasheet HTML 7Page - ON Semiconductor XGS Datasheet HTML 8Page - ON Semiconductor XGS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
XGS Family
www.onsemi.com
2
ORDERING INFORMATION
Table 2. ORDERABLE PART NUMBERS (Notes 1 and 2)
Part Number
Minimum Order Quantity
Product Description
Speed Grade
Resolution (H x V)
NOIX1SN012KB*LTI
25
12.6 Mp
Mono
0° CRA
24 Lanes
4096 x 3072
NOIX1SN012KB*LTI1
4
NOIX1SE012KB*LTI
25
12.6 Mp
Color
0° CRA
NOIX1SE012KB*LTI1
4
NOIX1SF012KB*LTI
25
12.6 Mp
Color
7.3° CRA
NOIX1SF012KB*LTI1
4
NOIX3SN012KB*LTI
25
12.6 Mp
Mono
0° CRA
6 Lanes
NOIX3SN012KB*LTI1
4
NOIX3SE012KB*LTI
25
12.6 Mp
Color
0° CRA
NOIX3SE012KB*LTI1
4
NOIX1SN9400B*LTI
25
9.4 Mp
Mono
0° CRA
24 Lanes
3072 x 3072
NOIX1SN9400B*LTI1
4
NOIX1SE9400B*LTI
25
9.4 Mp
Color
0° CRA
NOIX1SE9400B*LTI1
4
NOIX2SN9400B*LTI
25
9.4 Mp
Mono
0° CRA
12 Lanes
NOIX2SN9400B*LTI1
4
NOIX2SE9400B*LTI
25
9.4 Mp
Color
0° CRA
NOIX2SE9400B*LTI
4
NOIX1SN8000B*LTI
25
8.8 Mp
Mono
0° CRA
24 Lanes
4096 x 2160
NOIX1SN8000B*LTI1
4
NOIX1SE8000B*LTI
25
8.8 Mp
Color
0° CRA
NOIX1SE8000B*LTI1
4
NOIX2SF8000B*LTI
25
8.8 Mp
Color
7.3° CRA
12 Lanes
NOIX2SF8000B*LTI1
4
NOIX2SN8000B*LTI
25
8.8 Mp
Mono
0° CRA
NOIX2SN8000B*LTI1
4
NOIX2SE8000B*LTI
25
8.8 Mp
Color
0° CRA
NOIX2SE8000B*LTI1
4
1. See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image
sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com.
2. All devices listed in Table 2 are equipped with microlenses.
Table 3. ORDERING INFORMATION EVALUATION KITS
Part Number
Product Description
Additional Information
NOIX1SN012KBLFB−GEVB
Sensor Headboard (12.6 Mp, Mono, 24−Lane)
Demo Kit Headboard (incl.
NOIX1SN012KB−LTI) (Note 3)
NOIX1SE012KBLFB−GEVB
Sensor Headboard (12.6 Mp, Color, 24−Lane)
Demo Kit Headboard (incl.
NOIX1SE012KB−LTI) (Note 3)
AGBAN6CS−GEVK
Frame Buffer Demo Board
AP21088 including Power Adapter
AGB1N0CS−GEVK
Demo 3 Board
FPGA Base Board including USB Cable and
Tripod
3. Sensors are soldered to the headboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com