Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 33 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 33 Page - ON Semiconductor

Back Button XGS Datasheet HTML 29Page - ON Semiconductor XGS Datasheet HTML 30Page - ON Semiconductor XGS Datasheet HTML 31Page - ON Semiconductor XGS Datasheet HTML 32Page - ON Semiconductor XGS Datasheet HTML 33Page - ON Semiconductor XGS Datasheet HTML 34Page - ON Semiconductor XGS Datasheet HTML 35Page - ON Semiconductor XGS Datasheet HTML 36Page - ON Semiconductor XGS Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
XGS Family
www.onsemi.com
33
Message Byte
Message bytes are used for sending register addresses and
register write data to the slave device and for retrieving
register read data.
Acknowledge Bit
Each 8−bit data transfer is followed by an acknowledge bit
or a no−acknowledge bit in the SCLK clock period following
the data transfer. The transmitter (which is the master when
writing, or the slave when reading) releases SDATA. The
receiver indicates an acknowledge bit by driving SDATALOW.
As for data transfers, SDATA can change when SCLK is LOW
and must be stable while SCLK is HIGH.
No−Acknowledge Bit
The no−acknowledge bit is generated when the receiver
does not drive SDATA LOW during the SCLK clock period
following a data transfer. A no−acknowledge bit is used to
terminate a read sequence.
Typical Sequence
A typical READ or WRITE sequence begins by the
master generating a start condition on the bus. After the start
condition, the master sends the 8−bit slave address/data
direction byte. The last bit indicates whether the request is
for a read or a write, where a ’0’ indicates a write and a ’1’
indicates a read. If the address matches the address of the
slave device, the slave device acknowledges receipt of the
address by generating an acknowledge bit on the bus.
If the request was a WRITE, the master then transfers the
16−bit register address to which the WRITE should take
place. This transfer takes place as two 8−bit sequences and
the slave sends an acknowledge bit after each sequence to
indicate that the byte has been received. The master then
transfers the data as an 8−bit sequence; the slave sends an
acknowledge bit at the end of the sequence. The master stops
writing by generating a (re)start or stop condition.
If the request was a READ, the master sends the 8−bit
write slave address/data direction byte and 16−bit register
address, the same way as with a WRITE request. The master
then generates a (re)start condition and the 8−bit read slave
address/data direction byte, and clocks out the register data,
eight bits at a time. The master generates an acknowledge bit
after each 8−bit transfer. The slave
’s internal register address
is automatically incremented after every 8 bits are
transferred. The data transfer is stopped when the master
sends a no−acknowledge bit.
Single READ from Random Location
This sequence (Figure 39) starts with a dummy WRITE to
the 16−bit address that is to be used for the READ. The
master terminates the WRITE by generating a restart
condition. The master then sends the 8−bit read slave
address/data direction byte and clocks out one byte of
register data. The master terminates the READ by
generating a no−acknowledge bit followed by a stop
condition. Figure 39 shows how the internal register address
maintained by the sensor is loaded and incremented as the
sequence proceeds.
Previous Reg Address, N
Reg Address, M
M+1
S
1P
A
Sr
Slave Ad−
dress
Reg
Address[15:8]
Reg
Address[7:0]
Slave Address
S = Start Condition
P = Stop Condition
Sr = Restart Condition
A = Acknowledge
A = No−acknowledge
Slave to Master
Master to Slave
A
A
A
A
Read Data
Figure 39. Single READ from Random Location
0
Single READ from Current Location
This sequence (Figure 40) performs a read using the
current value of the sensor’s internal register address. The
master terminates the READ by generating a
no−acknowledge bit followed by a stop condition. The
figure shows two independent READ sequences.
Previous Reg Address, N
Reg Address, N+1
N+2
S
Slave Address
A
Read Data
S1
P
Slave Address
A
Read Data
P
Figure 40. Single READ from Current Location
AA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com