Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 32 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 32 Page - ON Semiconductor

Back Button XGS Datasheet HTML 28Page - ON Semiconductor XGS Datasheet HTML 29Page - ON Semiconductor XGS Datasheet HTML 30Page - ON Semiconductor XGS Datasheet HTML 31Page - ON Semiconductor XGS Datasheet HTML 32Page - ON Semiconductor XGS Datasheet HTML 33Page - ON Semiconductor XGS Datasheet HTML 34Page - ON Semiconductor XGS Datasheet HTML 35Page - ON Semiconductor XGS Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
XGS Family
www.onsemi.com
32
SENSOR CONTROL INTERFACE
The sensor’s configuration registers are accessible
through either the Two−Wire (I2C) or Four−Wire (SPI)
Serial Interface. At the cost of speed, the two−wire serial
interface can be considered as a simple and cost−efficient
alternative to the faster, but more complex, four−wire serial
interface. The four−wire serial interface is recommended for
applications
requiring
fast
and
frequent
sensor
(re−)configuration. As shown in Figure 38 below, the type
of user interface can be selected through the external
FWSI_EN pin (‘LOW’ = two−wire, ‘HIGH’ = four−wire).
FWSI_EN
SDATA(I/O)
SCLK
CS_N
SDATAOUT
N.C.
VDD_IO
Two-Wire
FWSI_EN
SDATA
SCLK
CS_N
SDATAOUT
Four-Wire
VDD_IO
Figure 38. Serial Interface Selection
TWO−WIRE SERIAL INTERFACE
The two−wire serial interface bus enables read/write
access to control and status registers within the sensor.
The interface protocol uses a master/slave model in which
a master controls one or more slave devices. The sensor acts
as a slave device. The master generates a clock (SCLK) that
is an input to the sensor and is used to synchronize transfers.
Data is transferred between the master and the slave on a
bidirectional signal (SDATA). SDATA is pulled up to VDD_IO
off−chip by a 1.5 k
W resistor. Either the slave or master
device can drive SDATA LOW − the interface protocol
determines which device is allowed to drive SDATA at any
given time.
The protocols described in the two−wire serial interface
specification allow the slave device to drive SCLK LOW; the
sensor uses SCLKas an input only and therefore never drives
it LOW.
Protocol
Data transfers on the two−wire serial interface bus are
performed by a sequence of low−level protocol elements:
• a (repeated) start condition
• a slave address/data direction byte
• an (a no) acknowledge bit
• a message byte
• a stop condition
The bus is idle when both SCLK and SDATA are HIGH.
Control of the bus is initiated with a start condition, and the
bus is released with a stop condition. Only the master can
generate the start and stop conditions.
Start Condition
A start condition is defined as a HIGH−to−LOW
transition on SDATA while SCLK is HIGH. At the end of a
transfer, the master can generate a start condition without
previously generating a stop condition; this is known as a
”repeated start” or ”restart” condition.
Stop Condition
A stop condition is defined as a LOW−to−HIGH transition
on SDATA while SCLK is HIGH.
Data Transfer
Data is transferred serially, 8 bits at a time, with the MSB
transmitted first. Each byte of data is followed by an
acknowledge bit or a no−acknowledge bit. This data transfer
mechanism is used for the slave address/data direction byte
and for message bytes.
One data bit is transferred during each SCLK clock period.
SDATA can change when SCLK is LOW and must be stable
while SCLK is HIGH.
Slave Address/Data Direction Byte
Bits [7:1] of this byte represent the device slave address
and bit [0] indicates the data transfer direction. A ’0’ in bit
[0] indicates a WRITE, and a ’1’ indicates a READ.
The default slave addresses used by the sensor are 0x20
(write address) and 0x21 (read address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com