Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 14 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 14 Page - ON Semiconductor

Back Button XGS Datasheet HTML 10Page - ON Semiconductor XGS Datasheet HTML 11Page - ON Semiconductor XGS Datasheet HTML 12Page - ON Semiconductor XGS Datasheet HTML 13Page - ON Semiconductor XGS Datasheet HTML 14Page - ON Semiconductor XGS Datasheet HTML 15Page - ON Semiconductor XGS Datasheet HTML 16Page - ON Semiconductor XGS Datasheet HTML 17Page - ON Semiconductor XGS Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
XGS Family
www.onsemi.com
14
PIN LIST
Table 5. PIN DESCRIPTIONS (163−PIN LGA PACKAGE)
Name
LGA Pin Name
Type
Description
GND
A1, A18, C3, C7, C12, C16, F4, F15,
G3, G16, J4, J15, K3, K16, M4, M11,
M15, N8, N11, P7, P12, T3, T10, T16,
V1, V18, D12, F10, G8, G9, G10, G11,
P6, P13
Ground
Ground
VDD_PLL
C10
Power
PLL Power Supply
VAA
C5, C14, M9, M10, N3, N9, N10, N16,
R5, R6, R13, R14, T9
Power
Analog Supply
VAA_RD
C6, C13, T5, T14
Power
Analog Supply for Row Driver
VDD_IO
C8, C9, C11, P3, P16
Power
I/O Supply
FWSI_EN
D10
Input
’HIGH’ −> Four−Wire Serial Interface (SPI)
’LOW’ −> Two−Wire Serial Interface (I2C)
SDATA
D11
Input/
Output
Four−Wire Serial Interface (SPI): SPI Slave In
Two−Wire Serial Interface (I2C): Serial Data Input/
Output
VAA_PIX
D5, D14, P5, P14
Power
Pixel Supply
VDD
D6, D13, E3, E16, F7, F12, H3, H16,
J7, J12, L3, L16, M7, M12
Power
Digital Supply
MONITOR_2
D7
Output
Monitor Output 2. If unused, do not connect.
MONITOR_1
D8
Output
Monitor Output 1. If unused, do not connect.
EXTCLK
D9
Input
External Clock Input
SDATAOUT
E10
Output
Four−Wire Serial Interface (SPI): SPI Slave Out
Two−Wire Serial Interface (I2C): Do not connect
TRIG_RD
E11
Input
Trigger Input for Readout Control. If unused, connect to
ground.
DATA_0_N
E12
HiSPi
Differential Data Channel [0], Negative
DATA_0_P
E13
HiSPi
Differential Data Channel [0], Positive
DATA_2_N
E14
HiSPi
Differential Data Channel [2], Negative
DATA_2_P
E15
HiSPi
Differential Data Channel [2], Positive
DATA_3_P
E4
HiSPi
Differential Data Channel [3], Positive
DATA_3_N
E5
HiSPi
Differential Data Channel [3], Negative
DATA_1_P
E6
HiSPi
Differential Data Channel [1], Positive
DATA_1_N
E7
HiSPi
Differential Data Channel [1], Negative
MONITOR_0
E8
Output
Monitor Output 0. If unused do not connect.
CS_N
E9
Input
Four−Wire Serial Interface (SPI): SPI Chip Select (active low)
Two−Wire Serial Interface (I2C): Connect to GND
TRIG_INT
F11
Input
Trigger Input for Integration Control. If unused, connect to
ground.
D_CLK_0_N
F13
HiSPi
Differential Clock [0], Negative
D_CLK_0_P
F14
HiSPi
Differential Clock [0], Positive
VDD_SLVS
F3, F16, J3, J16, M3, M16
Power
HiSPi Supply
D_CLK_1_P
F5
HiSPi
Differential Clock [1], Positive
D_CLK_1_N
F6
HiSPi
Differential Clock [1], Negative
RESET_N
F8
Input
Asynchronous Hard Reset (Active Low)
SCLK
F9
Input
Serial Interface Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com