Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 34 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 34 Page - ON Semiconductor

Back Button XGS Datasheet HTML 30Page - ON Semiconductor XGS Datasheet HTML 31Page - ON Semiconductor XGS Datasheet HTML 32Page - ON Semiconductor XGS Datasheet HTML 33Page - ON Semiconductor XGS Datasheet HTML 34Page - ON Semiconductor XGS Datasheet HTML 35Page - ON Semiconductor XGS Datasheet HTML 36Page - ON Semiconductor XGS Datasheet HTML 37Page - ON Semiconductor XGS Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
XGS Family
www.onsemi.com
34
Sequential READ, Start from Random Location
This sequence (Figure 41) starts in the same way as the
single READ from random location (Figure 39). Instead of
generating a no−acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte READs until “L” bytes
have been read.
Figure 41. Sequential READ, Start from Random Location
Previous Reg Address, N
Reg Address, M
S
Slave Address
A
A
Reg Address[15:8]
P
A
M+1
A
A
A
1
Sr
Reg Address[7:0]
Read Data
Slave Address
M+L
M+L−1
M+L−2
M+1
M+2
M+3
A
Read Data
A
Read Data
A
Read Data
Read Data
0
Sequential READ, Start from Current Location
This sequence (Figure 42) starts in the same way as the
single READ from current location (Figure 40). Instead of
generating a no−acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte READS until ‘L’ bytes
have been read.
Figure 42. Sequential READ, Start from Current Location
N+L
N+L−1
N+2
N+1
Previous Reg Address, N
P
S
1
Read Data
A
Slave Address
Read Data
Read Data
Read Data
A
A
A
A
Single WRITE to Random Location
This sequence (Figure 43) begins with the master
generating a start condition. The slave address/data
direction byte signals a WRITE and is followed by the HIGH
then LOW bytes of the register address that is to be written.
The master follows this with the byte of write data. The
WRITE is terminated by the master generating a stop
condition.
Figure 43. Single WRITE to Random Location
Previous Reg Address, N
Reg Address, M
M+1
S
P
Slave Address
Reg Address[15:8]
Reg Address[7:0]
A
A
A
A
A
Write Data
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com