Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 39 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 39 Page - ON Semiconductor

Back Button XGS Datasheet HTML 35Page - ON Semiconductor XGS Datasheet HTML 36Page - ON Semiconductor XGS Datasheet HTML 37Page - ON Semiconductor XGS Datasheet HTML 38Page - ON Semiconductor XGS Datasheet HTML 39Page - ON Semiconductor XGS Datasheet HTML 40Page - ON Semiconductor XGS Datasheet HTML 41Page - ON Semiconductor XGS Datasheet HTML 42Page - ON Semiconductor XGS Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
XGS Family
www.onsemi.com
39
Table 14. SPI TIMING PARAMETERS
Parameter
Symbol
Min
Typ
Max
Unit
SPI Read Frequency (PLL disabled / PLL
enabled)
fSCLK
3.5 / 6.1
MHz
SPI Write Frequency (PLL disabled / PLL
enabled)
fSCLK
12.5 / 25
MHz
Setup Time
tST
(1/fSCLK)*0.1
ns
Hold Time
tHD
(1/fSCLK)*0.1
ns
Transfer Delay Time
tDT
(1/fSCLK)*0.5
ns
I/O TIMING
External Clock
tR
duty
20%
80%
50%
tF
Figure 53. External Clock Timing
Table 15. EXTERNAL CLOCK SPECIFICATIONS
Parameter
Name
Min
Typ
Max
Unit
Clock Frequency
EXTCLK
29 (Note 15)
32.4
36 (Note 15)
MHz
Duty Cycle
Duty
45
50
55
%
Jitter
Jitter
–
–
100
ps
Rise Time
TR
–
–
5
ns
Fall Time
TF
–
–
5
ns
15.Any deviation from the typical EXTCLK frequency needs to be compensated by reconfiguring the internal PLL (guidelines available upon
request).
Trigger Input
tR
20%
80%
50%
tF
width
Figure 54. Trigger Input Pulse Timing
Table 16. TRIGGER INPUT PULSE SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
Pulse Width
width
100
–
−
ns
Rise Time
TR
–
–
5
ns
Fall Time
TF
–
–
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com