Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 18 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 18 Page - ON Semiconductor

Back Button XGS Datasheet HTML 14Page - ON Semiconductor XGS Datasheet HTML 15Page - ON Semiconductor XGS Datasheet HTML 16Page - ON Semiconductor XGS Datasheet HTML 17Page - ON Semiconductor XGS Datasheet HTML 18Page - ON Semiconductor XGS Datasheet HTML 19Page - ON Semiconductor XGS Datasheet HTML 20Page - ON Semiconductor XGS Datasheet HTML 21Page - ON Semiconductor XGS Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
XGS Family
www.onsemi.com
18
POWER−UP AND POWER−DOWN SEQUENCE
POWER−UP SEQUENCE
The mandatory Power−Up sequence for the XGS sensor
is shown in Figure 12. The available power supplies
(VDD_IO,
VDD_PLL,
VDD,
VAA,
VAA_PIX,
VAA_PIX_BST, VAA_RD and VDD_SLVS) must have the
separation specified below.
1. Turn on VDD_IO power supply.
2. After 0−100
ms, turn on VDD_PLL power supply.
3. After 0−100
ms, turn on VDD power supply.
4. After 0−100
ms, turn on VAA power supply.
5. Once VAA is stable, power up VAA_PIX,
VAA_PIX_BST and VAA_RD.
6. Once VAA_PIX, VAA_PIX_BST and VAA_RD are
stable, power up VDD_SLVS.
7. After VDD_SLVS is stable, enable EXTCLK.
8. After EXTCLK has settled, hold RESET_N low
(active) for at least 30 EXTCLK cycles before
de−asserting the reset signal.
9. The sensor then loads the default register values
from its on−chip memory. As soon as RESET_N is
pulled up (released), the sensor starts loading the
default register values from it internal memory.
When loading is done (sensor_status_reg
R0x3706[4:0] −>0x03), the sensor is ready to
accept user uploads. user uploads (e.g. to
configure a special mode).
10. Enable PLL and initialize sensor’s internal analog
blocks (reset_register_reg = 0x001C).
11. Once the analog blocks are initialized
(sensor_status_reg R03706 −> 0xEB), the sensor
transitions to STANDBY state and is ready to start
image operations.
12. Enable the sequencer to transition to the
CAPTURE state (general_config0_reg[0] = 1).
Figure 12. Power−Up Sequence
EXTCLK (32.4 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com