Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 29 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 29 Page - ON Semiconductor

Back Button XGS Datasheet HTML 25Page - ON Semiconductor XGS Datasheet HTML 26Page - ON Semiconductor XGS Datasheet HTML 27Page - ON Semiconductor XGS Datasheet HTML 28Page - ON Semiconductor XGS Datasheet HTML 29Page - ON Semiconductor XGS Datasheet HTML 30Page - ON Semiconductor XGS Datasheet HTML 31Page - ON Semiconductor XGS Datasheet HTML 32Page - ON Semiconductor XGS Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
XGS Family
www.onsemi.com
29
LANE MULTIPLEXING
The lane multiplexing function can be used to reduce the
number of output data lanes and thus the output data rate.
This can be useful in case the receiver cannot accept all 24
data lanes or the backend is unable to process the sensor’s
full data rate. The sensor has one multiplexer for each PHY;
six in total. Each multiplexer connects 4 datapath outputs to
one PHY and can be configured to distribute the data from
the 4 datapath inputs over either 1, 2, 3 or 4 outputs; i.e. the
sensor supports 4 multiplexing schemes:
• 4:4 multiplexing: no multiplexing; each datapath lane is
connected to a HiSPi lane (total of 24 lanes).
• 4:3 multiplexing: four datapath lanes are multiplexed to
three HiSPi lanes (total of 18 lanes).
• 4:2 multiplexing: four datapath lanes are multiplexed to
two HiSPi lanes (total of 12 lanes).
• 4:1 multiplexing: four datapath lanes are multiplexed to
a single HiSPi lane (total of 6 lanes).
The four different multiplexing schemes are illustrated in
Figures 27 to 30. The pixel readout order for each
multiplexing mode is depicted in Figures 31 to 34.
DP0(t0) … DP 0(t1)
DP1(t0) ... DP1(t1)
DP2(t0) ... DP2(t1)
DP3(t0) ... DP3(t1)
4:4
Multiplexer
DATAPATH_1
DATAPATH_0
time
DATAPATH_3
DATAPATH_2
DATA_0
DATA_1
DATA_2
DATA_3
4:3
Multiplexer
DATAPATH_1
DATAPATH_0
time
DATAPATH_3
DATAPATH_2
DATA_0
DATA_1
DATA_2
DP0(t0) … DP 3(t0)
DP1(t0) ... DP0(t1)
DP2(t0) ... DP1(t1)
4:2
Multiplexer
DATAPATH_1
DATAPATH_0
time
DATAPATH_3
DATAPATH_2
DATA_0
DATA_1
DP0(t0) … DP 2(t0)
DP1(t0) ... DP3(t0)
4:1
Multiplexer
DATAPATH_1
DATAPATH_0
time
DATAPATH_3
DATAPATH_2
DATA_0
DP0(t0) … DP 1(t0) ...
...DP2(t0) … DP 3(t0)
Figure 27. 4:4 Multiplexing (24 Lanes)
Figure 28. 4:3 Multiplexing (18 Lanes)
Figure 29. 4:2 Multiplexing (12 Lanes)
Figure 30. 4:1 Multiplexing (6 Lanes)
Table 12 lists the active data lanes in function of the
multiplexing scheme. As depicted in Table 12, HiSPi lane 0
is the lane that is always active, regardless of the selected
multiplex scheme.
Table 12. ACTIVE DATA LANES IN PHY0 IN FUNCTION OF MUX MODE
Mux Mode
Lane_0
Lane_2
Lane_4
Lane_6
4:4
X
X
X
X
4:3
X
X
X
4:2
X
X
4:1
X
NOTE: Lane usage is illustrated using the first four lanes only (i.e. for a single PHY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com