Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS Datasheet(PDF) 9 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 9 Page - ON Semiconductor

Back Button XGS Datasheet HTML 5Page - ON Semiconductor XGS Datasheet HTML 6Page - ON Semiconductor XGS Datasheet HTML 7Page - ON Semiconductor XGS Datasheet HTML 8Page - ON Semiconductor XGS Datasheet HTML 9Page - ON Semiconductor XGS Datasheet HTML 10Page - ON Semiconductor XGS Datasheet HTML 11Page - ON Semiconductor XGS Datasheet HTML 12Page - ON Semiconductor XGS Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
XGS Family
www.onsemi.com
9
Readout Order
Frame readout starts by setting the read address to the first
row of the configured ROI. Once the row is read, the read
address is incremented and the next row is read. This cycle
continues until the last row of the ROI has been read. The
incremental addressing scheme is depicted in Figure 5.
Figure 5. Incremental Row Addressing Sequence
Subsampled Readout
During subsampled readout only a subset of the pixel
array is read out, enabling faster read out with the same field
of view but at the expense of reduced image resolution. In
order to support subsampling on both monochrome and
color sensors, XGS supports two different subsampling
schemes:
1. Read One Skip One
In this mode, one out of four pixels is selected for
readout by selecting every other line and column
in the image array. The Read−One−Skip−One
mode is depicted in Figure 6 below. This
subsampling mode does not preserve the Bayer
pattern so it is recommended for monochrome
devices only.
Figure 6. Monochrome Subsampling
(Read−1−Skip−1)
= Skip
= Read
X
Y
2. Read Two Skip Two
The Read−Two−Skip−Two subsampling scheme is
recommended for color sensors as it preserves the
Bayer pattern. When using the
Read−Two−Skip−Two scheme, the sensor first
reads two rows and then skips two rows. From
each row being read, first two adjacent pixels will
be read, then two will be skipped. This readout
scheme is depicted in Figure 7.
Figure 7. Color Subsampling (Read−2−Skip−2)
= Skip
= Read
X
Y
Reverse Readout
XGS supports reverse readout in the vertical (Y−)
direction. If active_config_reg.active_reversed is set to 1,
the ROIs will be read top to bottom instead of the default
(active_config_reg.active_reversed = 0) bottom to top
readout direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com