Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XGS45M Datasheet (PDF) - ON Semiconductor

XGS45M Datasheet PDF - ON Semiconductor
Part # XGS45M
Download  XGS45M Download
File Size   438.27 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Global Shutter CMOS Image Sensors

XGS45M Datasheet (PDF)

Go To PDF Page Download Datasheet
XGS45M Datasheet PDF - ON Semiconductor

Part # XGS45M
Download  XGS45M Click to download

File Size   438.27 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Global Shutter CMOS Image Sensors

XGS45M Datasheet (HTML) - ON Semiconductor


XGS45M Product details

Description
The XGS family was designed for industrial and ITS applications
but is also used in applications that benefit from compact, global
shutter sensing. The higher resolution variants, featuring a larger
optical format, are specifically targeted at applications where larger
fields of view in combination with an excellent optical resolution are
required such as flat panel display inspection, aerial surveillance and
printed circuit board inspection. XGS is a truly hardware scalable
solution with a universal data, control and optical interface where parts
only differ in resolution and frame rate. The family has been specified
for compatibility with popular machine vision cameras and is ready to
take maximum advantage from upcoming camera interface standards
like USB 3.2, Thunderbolt (rev. 3) and 10 GigE and 4x CoaXPress6.
For ITS, it brings a next step in low light imaging and an interesting
range of resolutions.
Within the XGS family the image is read out through a column ADC
architecture and then transferred over a HiSPi digital interface. The
sensors can be configured to use from 48 to 12 data channels. The
on−chip digital logic, programmable via the serial interface, generates
all internal timing for integration control and supports all read out
modes.
Advanced trigger functions enable synchronization to external
events (Master and Slave Triggered) but also allow the camera to
synchronize the image read out with the host (receiver) on a frame or
line basis (Slave Frame Read and Slave Line Read).
The image can be read out by up to 64 independent ROIs; a unique
identifier will enable the host to detect the active ROI configuration
during the transfer over the HiSPi interface.
Up to three different register configurations sets (contexts) can be
programmed and also sequentially enabled (frame by Frame) with a
single command over the control interface.
Various operating modes enable a flexible sensor operation to meet
application specific requirements such as reduced read out data rate,
implemented by HiSPi channel multiplexing (48, 36, 24, & 12
channels), reduced power consumption by going to an idle mode while
waiting for an external trigger.
The XGS 45000 sensor adds to the XGS family and has the same pin
functionality, optical performance, and sequencer as the rest of the
XGS family of sensor
Features
 On−chip 12−bit Column ADCs
 10−bit Mode with Increased Frame Rate of
52 fps (48−lane) at Full Resolution
 Companding & 10−Bit Mode at 37 fps
(24−lane) and 19 fps (12−lane)
 Dual Gain Mode with 74.5 dB Dynamic
Range (TJ = 40C) at Half Frame Rate
 Data Interface: 48−lane HiSPi (Scalable
Low−Voltage Signaling)
 Configurable Number of HiSPi Lanes: 48,
36, 24 or 12
 Two−Wire (I2C) and Four−Wire (SPI)
Serial Interface
 Triggered Integration and Readout Control
 Programmable Control for up to 64
Regions of Interest (ROI)
 Context Switching
 These Devices are Pb−Free, Halogen
Free/BFR Free and are RoHS Compliant
Applications
 Machine Vision
 Security
 Intelligent Transportation Systems (ITS)
 Broadcasting (8192 by 4320 @60 fps)
 Medical
 Scientific




Similar Part No. - XGS45M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
XGS ONSEMI-XGS Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
logo
SYNERGY MICROWAVE CORPO...
XGS-4 SYNERGY-XGS-4 Datasheet
381Kb / 2P
FREQUENCY DOUBLER
logo
ON Semiconductor
XGS12000 ONSEMI-XGS12000 Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
XGS12M ONSEMI-XGS12M Datasheet
221Kb / 6P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
August, 2023
XGS16M ONSEMI-XGS16M Datasheet
354Kb / 5P
XGS 16000 Global Shutter CMOS Image Sensor
August, 2024
More results


Similar Description - XGS45M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com