Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3069464 Datasheet (PDF) - PHOENIX CONTACT

3069464 Datasheet PDF - PHOENIX CONTACT
Part # 3069464
Download  3069464 Download
File Size   222.28 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-2/2 SERVICE - Test plug

3069464 Datasheet (PDF)

Go To PDF Page Download Datasheet
3069464 Datasheet PDF - PHOENIX CONTACT

Part # 3069464
Download  3069464 Click to download

File Size   222.28 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-2/2 SERVICE - Test plug

3069464 Datasheet (HTML) - PHOENIX CONTACT


3069464 Product details

Test plug, nom. voltage: 400 V, nominal current: 24 A, Rated cross section: 2.5 mm2, color: red




Similar Part No. - 3069464

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069460 PHOENIX-3069460 Datasheet
231Kb / 8P
PTRE 6-2/H19 - Test terminal strip
3069461 PHOENIX-3069461 Datasheet
231Kb / 8P
PTRE 6-2/I19 - Test terminal strip
3069465 PHOENIX-3069465 Datasheet
222Kb / 7P
FTP-2/3 SERVICE - Test plug
3069466 PHOENIX-3069466 Datasheet
238Kb / 7P
FTP-2/1 SERVICE 0R1 - Test plug
3069467 PHOENIX-3069467 Datasheet
181Kb / 4P
FTP SCREW M3X4,5 - Screw
More results


Similar Description - 3069464

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2W-MOD2 SYSTEMSENSOR-2W-MOD2 Datasheet
227Kb / 2P
2-Wire Loop Test/Maintenance Module
logo
Amphenol Corporation
AT06-2S AMPHENOL-AT06-2S Datasheet
143Kb / 1P
Plug, 2 Way
logo
fujitsu semiconductor
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
battery drive, FTP-608 Series 2??high speed thermal printer
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
battery drive, FTP-60D Series 2??high speed thermal printer
logo
PHOENIX CONTACT
2905282 PHOENIX-2905282 Datasheet
54Kb / 2P
Test device adapter - CM 2-PA-CTM
12/24/2021
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069920 PHOENIX-3069920 Datasheet
62Kb / 4P
Interruption plug - FIP-3/2 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
logo
TE Connectivity Ltd
ENG_CD_2103172 TEC-ENG_CD_2103172 Datasheet
1Mb / 2P
PLUG ASSEMBLY MANUAL SERVICE DISCONNECT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com