Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3062 Datasheet (PDF) - CT Micro International Corporation

CT3062 Datasheet PDF - CT Micro International Corporation
Part # CT3062
Download  CT3062 Download
File Size   1282.66 Kbytes
Page   13 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 600V/800V Zero Cross 6-Pin DMC-Isolator® Phototriac Optocoupler

CT3062 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT3062 Datasheet PDF - CT Micro International Corporation

Part # CT3062
Download  CT3062 Click to download

File Size   1282.66 Kbytes
Page   13 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 600V/800V Zero Cross 6-Pin DMC-Isolator® Phototriac Optocoupler

CT3062 Datasheet (HTML) - CT Micro International Corporation


CT3062 Product details

Features
High isolation 5000 VRMS
Peak Breakdown Voltage
600V – CT3061, CT3062, CT3063
800V – CT3081, CT3082, CT3083
Operating Temperature range - 55 °C to 100 °C
External Creepage ≥ 7.4mm
Distance Through Isolation ≥ 0.4mm
Clearance Distance ≥ 7.5mm ( S/SL Type)
Clearance Distance ≥ 8.0mm ( M/SLM Type)
RoHS and REACH Compliance
Halogen Free Compliance (Optional)
MSL class 1
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5 (40039590)
CQC – GB4943.1, GB8898 (14001105802)
IEC62368 (FI/41119)

Description
The CT3061, CT3062, CT3063, CT3081, CT3082 and
CT3083 series consists of a Zero Cross Photo Triac
optically coupled to an Infrared-emitting diode in a
6-lead DIP DMC-Isolator® package with different lead
forming options.

Applications
Motor Controls
Lamp ballasts
Static AC Power Switch
Solenoid/ Valve Control




Similar Part No. - CT3062

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3062 CTMICRO-CT3062 Datasheet
1Mb / 11P
6Pin Zero Cross TRIAC Driver Coupler
CT3062 CTMICRO-CT3062 Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3062-5L CTMICRO-CT3062-5L Datasheet
954Kb / 10P
600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3062-5L-G CTMICRO-CT3062-5L-G Datasheet
954Kb / 10P
600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3062-G CTMICRO-CT3062-G Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
More results


Similar Description - CT3062

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
MOC3061-M FAIRCHILD-MOC3061-M_05 Datasheet
538Kb / 10P
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
250V/400V Zero Cross 6-Pin Phototriac Optocoupler
CT3031-5L CTMICRO-CT3031-5L Datasheet
907Kb / 9P
250V/400V Zero Cross 5-Pin Phototriac Optocoupler
CT3051 CTMICRO-CT3051 Datasheet
809Kb / 12P
600V Random Phase 6-Pin Phototriac Optocoupler
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3061-5L CTMICRO-CT3061-5L Datasheet
954Kb / 10P
600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CTM3083 CTMICRO-CTM3083 Datasheet
988Kb / 10P
Zero Cross 4-Pin Mini-Flat Phototriac Optocoupler
CTP17 CTMICRO-CTP17 Datasheet
1Mb / 12P
DC 4-Pin DFN DMC-Isolator® Phototransistor Optocoupler
Rev.2 Aug, 2022
CTR214-8L CTMICRO-CTR214-8L Datasheet
1Mb / 13P
8-Pin DMC-Isolator® PhotoMOS Relays
Rev.1 Oct, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com