Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY7656_4L Datasheet (PDF) - Shenzhen Siyuan Semiconductor Co., Ltd.

SY7656_4L Datasheet PDF - Shenzhen Siyuan Semiconductor Co., Ltd.
Part # SY7656_4L
Download  SY7656_4L Download
File Size   702.08 Kbytes
Page   11 Pages
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.
Description Lithium battery charging/discharging solutions

SY7656_4L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY7656_4L Datasheet PDF - Shenzhen Siyuan Semiconductor Co., Ltd.

Part # SY7656_4L
Download  SY7656_4L Click to download

File Size   702.08 Kbytes
Page   11 Pages
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.
Description Lithium battery charging/discharging solutions

SY7656_4L Datasheet (HTML) - Shenzhen Siyuan Semiconductor Co., Ltd.


SY7656_4L Product details

Features
Linear charging, 1.0A charging current
Trickle/constant current/constant voltage three-stage charging
Charging current and temperature intelligent adjustment function
Charging cut-off current 100mA, automatic recharging
Preset 4.2V charging float voltage with accuracy of ±1%
Synchronous boost output 5.1V, discharge switching frequency 1MHz
Discharge efficiency as high as 92%
Discharge cut-off current 10mA
Original boost output thermal adjustment function
Discharge module over-current, short-circuit, over-voltage and over-temperature protection
KEY key and LED indication, customizable version and function




Similar Part No. - SY7656_4L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Siyuan Semicon...
SY7618 TKPLUSEMI-SY7618 Datasheet
695Kb / 16P
Lithium-ion battery charging/discharging solution
Rev1.2
SY7618CS TKPLUSEMI-SY7618CS Datasheet
695Kb / 16P
Lithium-ion battery charging/discharging solution
Rev1.2
SY7619 TKPLUSEMI-SY7619 Datasheet
695Kb / 16P
Lithium-ion battery charging/discharging solution
Rev1.2
SY7619CS TKPLUSEMI-SY7619CS Datasheet
695Kb / 16P
Lithium-ion battery charging/discharging solution
Rev1.2
SY7636 TKPLUSEMI-SY7636 Datasheet
587Kb / 10P
Lithium-ion battery charging/discharging solution SY7636
Ver1.2
More results


Similar Description - SY7656_4L

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1248 MITSUMI-MM1248 Datasheet
210Kb / 8P
Control of Lithium Ion Battery Charging and Discharging
MM1214 MITSUMI-MM1214 Datasheet
105Kb / 4P
Control of Lithium Ion Battery Charging and Discharging
logo
Sanyo Semicon Device
EFC6601R SANYO-EFC6601R Datasheet
422Kb / 8P
Lithium-ion battery charging and discharging switch
EFC6602R SANYO-EFC6602R Datasheet
421Kb / 8P
Lithium-ion battery charging and discharging switch
logo
Jingjing Microelectroni...
EG4321 EGMICRO-EG4321 Datasheet
562Kb / 14P
Lithium battery charging chip
logo
Shenzhen Huazhimei Semi...
HM4081 HMSEMI-HM4081 Datasheet
614Kb / 13P
Lithium battery charging control chip
HM4091 HMSEMI-HM4091 Datasheet
862Kb / 11P
1A Lithium battery charging IC
HM4055C HMSEMI-HM4055C Datasheet
346Kb / 10P
2.4V lithium battery charging
HM4055B HMSEMI-HM4055B Datasheet
681Kb / 10P
3.2V lithium battery charging
HM5066 HMSEMI-HM5066 Datasheet
1Mb / 14P
4.2V lithium battery charging management chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com