Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY7618CS Datasheet (PDF) - Shenzhen Siyuan Semiconductor Co., Ltd.

SY7618CS Datasheet PDF - Shenzhen Siyuan Semiconductor Co., Ltd.
Part # SY7618CS
Download  SY7618CS Download
File Size   695.09 Kbytes
Page   16 Pages
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.
Description Lithium-ion battery charging/discharging solution

SY7618CS Datasheet (PDF)

Go To PDF Page Download Datasheet
SY7618CS Datasheet PDF - Shenzhen Siyuan Semiconductor Co., Ltd.

Part # SY7618CS
Download  SY7618CS Click to download

File Size   695.09 Kbytes
Page   16 Pages
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.
Description Lithium-ion battery charging/discharging solution

SY7618CS Datasheet (HTML) - Shenzhen Siyuan Semiconductor Co., Ltd.


SY7618CS Product details

Features
Standby power consumption 75uA
Switch charging, default setting 0.5A charging current
Customizable 0.25A/0.75A/1A charging current versions
Charging efficiency up to 90%@1A
Charging switching frequency 1MHz
Trickle/constant current/constant voltage three-stage charging
Adaptive charging current adapter function
Intelligent charging current temperature adjustment function
Charging cutoff current 60mA, automatic recharging




Similar Part No. - SY7618CS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Siyuan Semicon...
SY7636 TKPLUSEMI-SY7636 Datasheet
587Kb / 10P
Lithium-ion battery charging/discharging solution SY7636
Ver1.2
SY7656 TKPLUSEMI-SY7656 Datasheet
702Kb / 11P
Lithium battery charging/discharging solutions
Ver1.1
SY7656_2L TKPLUSEMI-SY7656_2L Datasheet
702Kb / 11P
Lithium battery charging/discharging solutions
Ver1.1
SY7656_4L TKPLUSEMI-SY7656_4L Datasheet
702Kb / 11P
Lithium battery charging/discharging solutions
Ver1.1
SY7656_KEY2L TKPLUSEMI-SY7656_KEY2L Datasheet
702Kb / 11P
Lithium battery charging/discharging solutions
Ver1.1
More results


Similar Description - SY7618CS

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1248 MITSUMI-MM1248 Datasheet
210Kb / 8P
Control of Lithium Ion Battery Charging and Discharging
MM1214 MITSUMI-MM1214 Datasheet
105Kb / 4P
Control of Lithium Ion Battery Charging and Discharging
logo
Sanyo Semicon Device
EFC6601R SANYO-EFC6601R Datasheet
422Kb / 8P
Lithium-ion battery charging and discharging switch
EFC6602R SANYO-EFC6602R Datasheet
421Kb / 8P
Lithium-ion battery charging and discharging switch
logo
Shanghai awinic technol...
AW3208 AWINIC-AW3208 Datasheet
1Mb / 15P
IonIzatIon mode lithium ion battery charging protection controller
logo
SHOUDING Shouding Semic...
SD8067 SHOUDING-SD8067 Datasheet
2Mb / 13P
Linear lithium ion battery charging chip
logo
Shenzhen Huazhimei Semi...
HM4057DR HMSEMI-HM4057DR Datasheet
2Mb / 11P
Anti-reverse wiring lithium ion battery charging chip
HM5055 HMSEMI-HM5055 Datasheet
523Kb / 10P
Anti-reverse wiring lithium-ion battery charging chip
HM5054 HMSEMI-HM5054 Datasheet
4Mb / 10P
Anti-reverse wiring lithium-ion battery charging chip
logo
Injoinic Technology Co....
IP2365 INJOINIC-IP2365 Datasheet
1Mb / 20P
1~4 string lithium battery/lithium ion battery step-down charging IC
V1.0 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com