Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY7618CS Datasheet(PDF) 1 Page - Shenzhen Siyuan Semiconductor Co., Ltd.

Part # SY7618CS
Description  Lithium-ion battery charging/discharging solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.

SY7618CS Datasheet(HTML) 1 Page - Shenzhen Siyuan Semiconductor Co., Ltd.

  SY7618CS Datasheet HTML 1Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 2Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 3Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 4Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 5Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 6Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 7Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 8Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 9Page - Shenzhen Siyuan Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
                    
锂电池充电/放电解决方案 SY7618/SY7619
SY7618/SY7619 Rev1.2
http://www.tkplusemi.com
 
深圳市思远半导体有限公司 
概述
SY7618/SY7619是一款专为小容量锂电池充
电/放电应用设计的单芯片解决方案IC,集成了充
电电流0.5A(可订制0.25A/0.75A/1A版本)的开
关充电管理模块、最大放电电流1.2A的同步升压
放电管理模块,内置功率MOS。
SY7618/SY7619集成了电池电量检测、LED电
量显示模块及按键功能模块,针对小容量锂电池
(锂离子或锂聚合物)的应用,提供简单易用的
解决方案。
SY7618/SY7619内置参数可订制功能,包括充
电恒流电流、LED电量显示、KEY键功能和有无自
动识别负载功能等,方便客户选择使用。
SY7618/SY7619采用的封装形式为SOP8
应用
小容量锂电池充电/放电应用
特点
待机功耗75uA
开关充电,默认设定0.5A充电电流
可订制0.25A/0.75A/1A充电电流版本
充电效率高达90%@1A
充电开关频率1MHz
涓流/恒流/恒压三段式充电
具有充电电流自适应适配器功能
充电电流温度智能调节功能
充电截止电流60mA,自动再充电
预设4.2V(SY7618)/4.35V(SY7619)充电
浮充电压,精度达±1%
同步升压输出5.05V
放电开关频率1MHz
放电效率高达93%
放电截止电流7mA
独创升压输出热调节功能
放电模块过流、短路、过压、过温保护
LED电量显示、充放电指示及异常指示
默认4颗LED显示,可订制1颗LED显示、2颗LED
显示及2颗LED转灯显示
可订制的KEY键功能和自动识别负载功能
默认版本:单击显示电量、开启放电模块;
有自动识别负载功能。
可订制版本:单击显示电量、开/关放电模块;
无自动识别负载功能。
典型应用电路(5.05V/1.2A/4 LED)
带按键的应用


Similar Part No. - SY7618CS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Siyuan Semicon...
SY7636 TKPLUSEMI-SY7636 Datasheet
587Kb / 10P
Lithium-ion battery charging/discharging solution SY7636
Ver1.2
SY7656 TKPLUSEMI-SY7656 Datasheet
702Kb / 11P
Lithium battery charging/discharging solutions
Ver1.1
SY7656_2L TKPLUSEMI-SY7656_2L Datasheet
702Kb / 11P
Lithium battery charging/discharging solutions
Ver1.1
SY7656_4L TKPLUSEMI-SY7656_4L Datasheet
702Kb / 11P
Lithium battery charging/discharging solutions
Ver1.1
SY7656_KEY2L TKPLUSEMI-SY7656_KEY2L Datasheet
702Kb / 11P
Lithium battery charging/discharging solutions
Ver1.1
More results

Similar Description - SY7618CS

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1248 MITSUMI-MM1248 Datasheet
210Kb / 8P
Control of Lithium Ion Battery Charging and Discharging
MM1214 MITSUMI-MM1214 Datasheet
105Kb / 4P
Control of Lithium Ion Battery Charging and Discharging
logo
Sanyo Semicon Device
EFC6601R SANYO-EFC6601R Datasheet
422Kb / 8P
Lithium-ion battery charging and discharging switch
EFC6602R SANYO-EFC6602R Datasheet
421Kb / 8P
Lithium-ion battery charging and discharging switch
logo
Shanghai awinic technol...
AW3208 AWINIC-AW3208 Datasheet
1Mb / 15P
IonIzatIon mode lithium ion battery charging protection controller
logo
SHOUDING Shouding Semic...
SD8067 SHOUDING-SD8067 Datasheet
2Mb / 13P
Linear lithium ion battery charging chip
logo
Shenzhen Huazhimei Semi...
HM4057DR HMSEMI-HM4057DR Datasheet
2Mb / 11P
Anti-reverse wiring lithium ion battery charging chip
HM5055 HMSEMI-HM5055 Datasheet
523Kb / 10P
Anti-reverse wiring lithium-ion battery charging chip
HM5054 HMSEMI-HM5054 Datasheet
4Mb / 10P
Anti-reverse wiring lithium-ion battery charging chip
logo
Injoinic Technology Co....
IP2365 INJOINIC-IP2365 Datasheet
1Mb / 20P
1~4 string lithium battery/lithium ion battery step-down charging IC
V1.0 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com