Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY7618CS Datasheet(PDF) 5 Page - Shenzhen Siyuan Semiconductor Co., Ltd.

Part # SY7618CS
Description  Lithium-ion battery charging/discharging solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.

SY7618CS Datasheet(HTML) 5 Page - Shenzhen Siyuan Semiconductor Co., Ltd.

  SY7618CS Datasheet HTML 1Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 2Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 3Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 4Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 5Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 6Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 7Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 8Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7618CS Datasheet HTML 9Page - Shenzhen Siyuan Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
                
锂电池充电/放电解决方案 SY7618/SY7619
SY7618/SY7619 Rev1.2
http://www.tkplusemi.com
深圳市思远半导体有限公司 
符号
参数
测试条件
最小值
典型值
最大值
单位
VCC
输入电压范围
4.4
5
6
V
VCCOVP
输入过压保护
5.8
6
6.2
V
VUV
输入欠压保护
4.3
4.4
4.5
V
IINLIMIT
输入限流电流
1.5* ICG
A
VSHORT
VOUT短路保护电压
边充边放模式下
3.9
4
4.1
V
RIN
限流开关导通电阻
VCC=5V
-
150
-
mΩ
RPMOS
高边PMOS导通电阻
-
120
-
mΩ
RNMOS
低边NMOS导通电阻
-
100
-
mΩ
IPPMOS
高边PMOS峰值限流
-
2.5
-
A
IPNMOS
低边NMOS峰值限流
2.2
A
ILEAKAGE
VOUT到VCC漏电电流
-
0
5
uA
TOV
过温保护
-
150
-
℃
THYS
过温保护滞回
-
20
-
℃
ISTDB
待机电流
-
75
-
μA
IKEY
KEY键上拉电流
4
6
8
uA
TKEY_S
单击KEY键探测时间
50
mS
ILED
LED1~LED2输出电流
VLED1~4=2.5V
2
mA
充电部分(无特殊说明,VCC=5V,Ta=25℃)
FCHAEGER
充电模式下开关频率
0.8
1
1.2
MHz
VFLOAT
稳定输出(浮充)电压
0℃≤TA≤85℃,
SY7618
4.158
4.2
4.242
V
VFLOAT
稳定输出(浮充)电压
0℃≤TA≤85℃,
SY7619
4.307
4.35
4.393
V
ΔVRECHRG
再充电电池门限电压
VFLOAT-VRECHRG
150
200
250
mV
ICG
恒流充电电流
VBAT=3.7V
0.4
0.5
0.6
A
ITRIKL
涓流充电电流
VBAT<VTRIKL,
0.07
0.1
0.13
A
η
恒流充电效率
VBAT=3.7V
-
90%
-
VTRIKL
涓流充电阈值电压
VBAT上升
2.9
3
3.1
V
VTRHYS
涓流充电迟滞电压
-
200
-
mV
VASD
VCC-VBAT闭锁阈值电压
VCC从低到高
60
100
140
mV
VCC从高到低
5
30
50
ITERM
充电截止电流门限
-
40
-
mA
Tmin
最小导通时间
0
ns
DMAX
最大占空比
-
100
-
%
TLIM
限定温度模式中的结温
-
110
-
℃
VBATOVP
电池过压保护电压
4.4
4.5
4.6
V
放电部分(无特殊说明,VBAT=3.7V,Ta=25℃)
VBAT
电池工作电压
2.9
4.35
V
VOUT
额定输出电压
VBAT=3.7V
4.95
5.05
5.15
V
VUV_BAT
电池欠压闭锁阈值电压
VBAT下降
2.85
2.9
2.95
V
VHYS_BAT
电池欠压闭锁迟滞
VBAT上升
0.2
0.3
0.4
V
FSW
工作频率
Ta=60℃
-
1
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com