Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2365 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP2365 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP2365
Download  IP2365 Download
File Size   1581.99 Kbytes
Page   20 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description 1~4 string lithium battery/lithium ion battery step-down charging IC

IP2365 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP2365 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP2365
Download  IP2365 Click to download

File Size   1581.99 Kbytes
Page   20 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description 1~4 string lithium battery/lithium ion battery step-down charging IC

IP2365 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP2365 Product details

1 Features
 Built-in power MOS
 Working input voltage range: 5V to 26V
 Supports charging of 1-4 strings of lithium-ion batteries
 3A maximum charging current
 250kHz switching frequency
 Supports external resistor to adjust charging current (input terminal and battery
Ikehata)
 Support charging NTC temperature protection
 Support external resistor to adjust input under-voltage protection voltage
 Support LED charging status indication
 Output overcurrent and short circuit protection
 Input overvoltage and undervoltage protection
 Machine over-temperature protection
 ESD 4kV

2 applications
 Lithium battery/lithium-ion battery charging
 Lithium iron phosphate battery charging (needs to be customized)
3 Introduction
IP2365 is a buck converter with integrated synchronous switch, supporting
Supports 1~4 string lithium battery/lithium ion battery step-down charging management IC.
IP2365 built-in power MOS adopts synchronous switching architecture.
The switching frequency is 250kHz and the conversion efficiency is as high as 95%.
The operating input voltage range of IP2365 is 4.5V to 26V,
The input can intelligently adjust the charging current to prevent the adapter from being pulled. branch
Use an external resistor to adjust the input undervoltage protection voltage.
IP2365 supports external resistors to adjust the charging current and supports the maximum
3A battery terminal charging current:
IP2365 supports external resistor to set charging voltage, supports 1~4
String lithium battery charging:
IP2365 supports NTC function and can be connected to
Resistor realizes charging NTC temperature protection.
IP2365 has a soft start function to prevent shock during startup.
The impact current affects the stability of the input power supply.
IP2365 has a variety of protection functions, including input overvoltage and undervoltage.
Protection, output overcurrent, short circuit protection and other functions
IP2365 is packaged in QFN24.




Similar Part No. - IP2365

ManufacturerPart #DatasheetDescription
logo
ShenZhen ChipSourceTek ...
IP2360 CHIPSOURCETEK-IP2360 Datasheet
1Mb / 24P
upport PD3.0 fast charge input protocol, support 2~6 series batteries
Version1.35
IP2363 CHIPSOURCETEK-IP2363 Datasheet
1Mb / 21P
Supports multiple fast charging input protocols such as PD3.0
v1.00 April 2023
logo
Injoinic Technology Co....
IP2366 INJOINIC-IP2366 Datasheet
1Mb / 24P
Supports multiple fast charging input/output protocols such as PD3.1.
V1.10
logo
ShenZhen ChipSourceTek ...
IP2368 CHIPSOURCETEK-IP2368 Datasheet
1Mb / 24P
upport PD3.0 fast charge input protocol, support 2~6 series batteries
Version1.35
logo
Injoinic Technology Co....
IP2369 INJOINIC-IP2369 Datasheet
1Mb / 26P
Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
V1.21 March 2024
More results


Similar Description - IP2365

ManufacturerPart #DatasheetDescription
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
1-cell lithium ion/lithium polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD8067 SHOUDING-SD8067 Datasheet
2Mb / 13P
Linear lithium ion battery charging chip
logo
Shenzhen Huazhimei Semi...
HM5152 HMSEMI-HM5152 Datasheet
838Kb / 10P
Single-cell lithium battery synchronous switch step-down charging IC
HM4091 HMSEMI-HM4091 Datasheet
862Kb / 11P
1A Lithium battery charging IC
HM5052B HMSEMI-HM5052B Datasheet
627Kb / 11P
3A synchronous step-down lithium battery charging IC
HN5152 HMSEMI-HN5152 Datasheet
838Kb / 10P
Single-cell lithium battery synchronous switch step-down charging IC
HM4050C HMSEMI-HM4050C Datasheet
742Kb / 11P
2A synchronous step-down lithium battery charging circuit
HM5052 HMSEMI-HM5052 Datasheet
793Kb / 10P
Synchronous step-down lithium battery charging circuit
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com