Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2369 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP2369 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP2369
Download  IP2369 Download
File Size   1881.52 Kbytes
Page   26 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.

IP2369 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP2369 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP2369
Download  IP2369 Click to download

File Size   1881.52 Kbytes
Page   26 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.

IP2369 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP2369 Product details

Features
 Charge and Discharge Specifications
 Built-in Buck-Boost NMOS
 Maximum charge and discharge power: 45W
 Adaptive charge current regulation
 Battery type adjustable via external resistor. Fully charged voltage: 3.65V/4.1V/4.2V/4.3V/4.35V/4.4V
 Number of series cells adjustable via external resistor: 2/3/4/5/6
 Maximum charge and discharge power adjustable via external resistor. Supports up to 45W charge and discharge




Similar Part No. - IP2369

ManufacturerPart #DatasheetDescription
logo
ShenZhen ChipSourceTek ...
IP2360 CHIPSOURCETEK-IP2360 Datasheet
1Mb / 24P
upport PD3.0 fast charge input protocol, support 2~6 series batteries
Version1.35
IP2363 CHIPSOURCETEK-IP2363 Datasheet
1Mb / 21P
Supports multiple fast charging input protocols such as PD3.0
v1.00 April 2023
logo
Injoinic Technology Co....
IP2365 INJOINIC-IP2365 Datasheet
1Mb / 20P
1~4 string lithium battery/lithium ion battery step-down charging IC
V1.0 2017
IP2366 INJOINIC-IP2366 Datasheet
1Mb / 24P
Supports multiple fast charging input/output protocols such as PD3.1.
V1.10
logo
ShenZhen ChipSourceTek ...
IP2368 CHIPSOURCETEK-IP2368 Datasheet
1Mb / 24P
upport PD3.0 fast charge input protocol, support 2~6 series batteries
Version1.35
More results


Similar Description - IP2369

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82V3391 IDT-82V3391 Datasheet
60Kb / 5P
Supports 1PPS input and output
logo
Injoinic Technology Co....
IP5328 INJOINIC-IP5328 Datasheet
2Mb / 26P
Integrated mobile power SOC with multiple input and output fast charge functions
IP5312 INJOINIC-IP5312 Datasheet
1Mb / 17P
3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
IP5318 INJOINIC-IP5318 Datasheet
1Mb / 27P
4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
IP6518 INJOINIC-IP6518 Datasheet
799Kb / 12P
Maximum output 45W, integrated Type-C PD output and various fast charge output protocols
logo
Shenzhen Huazhimei Semi...
HM1596 HMSEMI-HM1596 Datasheet
884Kb / 9P
Maximum output 18W, integrated Type-C PD output and various fast charge output protocols
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP6520 INJOINIC-IP6520 Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com